Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA7541 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # KA7541
Description  Simple Ballast Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7541 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KA7541 Datasheet HTML 1Page - Fairchild Semiconductor KA7541 Datasheet HTML 2Page - Fairchild Semiconductor KA7541 Datasheet HTML 3Page - Fairchild Semiconductor KA7541 Datasheet HTML 4Page - Fairchild Semiconductor KA7541 Datasheet HTML 5Page - Fairchild Semiconductor KA7541 Datasheet HTML 6Page - Fairchild Semiconductor KA7541 Datasheet HTML 7Page - Fairchild Semiconductor KA7541 Datasheet HTML 8Page - Fairchild Semiconductor KA7541 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
KA7541
3
Pin Assignments
Pin Definitions
Pin Number
Pin Name
Pin Function Descrition
1CS
Soft start capacitor connection pin. The pin voltage determines the phase of soft
start, normal mode.
2CT
Timing capacitor connection pin. The timing capacitor is charged and discharged
to generate the sawtooth waveform that determines the oscillation frequency in
the internal oscillator block.
3RS
Soft start resistor connection pin. The soft start resistor value determines the initial
preheating switching frequency during soft start mode.
4
Ldet
Input to the protection circuit. If the pin voltage is lower than 2V, the output of the
gate driver is inhibited.
5
GND
The ground potential of all the pins.
6OUT 2
The output of a high-current power driver capable of driving the gate of a power
MOSFET
7OUT 1
The output of a high-current power driver capable of driving the gate of a power
MOSFET.
8VCC
The logic and control power supply connection.
1
2
3
4
5
6
7
8
CS
Ct
Ldet
VCC
OUT1
OUT2
GND
(Top View)
RS


Similar Part No. - KA7541

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
KA7540D SAMSUNG-KA7540D Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
Fairchild Semiconductor
KA75420 FAIRCHILD-KA75420 Datasheet
48Kb / 8P
   Voltage Detector
KA75420M FAIRCHILD-KA75420M Datasheet
48Kb / 8P
   Voltage Detector
KA75420M FAIRCHILD-KA75420M Datasheet
55Kb / 8P
   Voltage Detector
More results

Similar Description - KA7541

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7544 FAIRCHILD-FAN7544 Datasheet
1Mb / 14P
   Simple Ballast Controller
logo
AUK corp
S6510P AUK-S6510P Datasheet
340Kb / 6P
   SIMPLE BALLAST CONTROLLER
S6510 AUK-S6510 Datasheet
316Kb / 6P
   SIMPLE BALLAST CONTROLLER
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
Micro Linear Corporatio...
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
   Electronic Ballast Controller
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
   Electronic Ballast Controller
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
   Dimming Ballast Controller IC
PT5621 PTC-PT5621_10 Datasheet
835Kb / 4P
   Three-Way Ballast Controller
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
PT5621 PTC-PT5621 Datasheet
835Kb / 4P
   Three-Way Ballast Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com