Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1M0380R Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 1M0380R
Description  Fairchild Power Switch(SPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1M0380R Datasheet(HTML) 2 Page - Fairchild Semiconductor

  1M0380R Datasheet HTML 1Page - Fairchild Semiconductor 1M0380R Datasheet HTML 2Page - Fairchild Semiconductor 1M0380R Datasheet HTML 3Page - Fairchild Semiconductor 1M0380R Datasheet HTML 4Page - Fairchild Semiconductor 1M0380R Datasheet HTML 5Page - Fairchild Semiconductor 1M0380R Datasheet HTML 6Page - Fairchild Semiconductor 1M0380R Datasheet HTML 7Page - Fairchild Semiconductor 1M0380R Datasheet HTML 8Page - Fairchild Semiconductor 1M0380R Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
KA1L0380B/KA1L0380RB/KA1M0380RB/KA1H0380RB
2
Absolute Maximum Ratings
Notes:
1. Tj=25
°C to 150°C
2. Repetitive rating: Pulse width limited by maximum junction temperature
3. L=51mH, VDD=50V, RG=25
Ω, starting Tj=25°C
4. L=13
µH, starting Tj=25°C
Parameter
Symbol
Value
Unit
Drain-source (GND) voltage (1)
VDSS
800
V
Drain-Gate voltage (RGS=1M
Ω)VDGR
800
V
Gate-source (GND) voltage
VGS
±30
V
Drain current pulsed (2)
IDM
12
ADC
Single pulsed avalanche energy (3)
EAS
95
mJ
Avalanche current(4)
IAS
6A
Continuous drain current (TC=25
°C)
ID
3.0
ADC
Continuous drain current (TC=100
°C)
ID
2.1
ADC
Supply voltage
VCC
30
V
Analog input voltage range
VFB
−0.3 to VSD
V
Total power dissipation
PD
35
W
Derating
0.28
W/
°C
Operating temperature
TOPR
−25 to +85
°C
Storage temperature
TSTG
−55 to +150
°C


Similar Part No. - 1M0380R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1M0365R FAIRCHILD-1M0365R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
More results

Similar Description - 1M0380R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5M0765RQC FAIRCHILD-KA5M0765RQC Datasheet
755Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B FAIRCHILD-KA2S0680B Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RC FAIRCHILD-FS6S0965RC Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0880B FAIRCHILD-KA2S0880B Datasheet
85Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0765R FAIRCHILD-KA3S0765R Datasheet
120Kb / 14P
   Fairchild Power Switch(SPS)
KA2S1265 FAIRCHILD-KA2S1265 Datasheet
86Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0880RB FAIRCHILD-KA3S0880RB Datasheet
100Kb / 14P
   Fairchild Power Switch(SPS)
KA5M0965Q FAIRCHILD-KA5M0965Q Datasheet
636Kb / 14P
   Fairchild Power Switch(SPS)
KA2S0965 FAIRCHILD-KA2S0965 Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965R FAIRCHILD-FS6S0965R Datasheet
193Kb / 16P
   Power Switch(SPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com