Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP43TF Datasheet(PDF) 34 Page - Intel Corporation

Part # DP43TF
Description  Technical Product Specification
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP43TF Datasheet(HTML) 34 Page - Intel Corporation

Back Button DP43TF Datasheet HTML 30Page - Intel Corporation DP43TF Datasheet HTML 31Page - Intel Corporation DP43TF Datasheet HTML 32Page - Intel Corporation DP43TF Datasheet HTML 33Page - Intel Corporation DP43TF Datasheet HTML 34Page - Intel Corporation DP43TF Datasheet HTML 35Page - Intel Corporation DP43TF Datasheet HTML 36Page - Intel Corporation DP43TF Datasheet HTML 37Page - Intel Corporation DP43TF Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 86 page
background image
Intel Desktop Board DP43TF Technical Product Specification
34
1.13.2.2
Fan Headers
The function/operation of the fan headers is as follows:
The fans are on when the board is in the S0 state.
The fans are off when the board is off or in the S3, S4, or S5 state.
The processor fan header is wired to a fan tachometer input. The front and rear fan
headers each have independent tachometer input to the hardware monitoring and
fan control device. All fan headers support closed-loop fan control that can adjust
the fan speed according to thermal conditions.
All fan headers have a +12 V DC connection.
For information about
Refer to
The locations of the fan headers and thermal sensors
Figure 6, page 29
The signal names of the processor fan header
Table 17, page 45
The signal names of the chassis fan headers
Table 15, page 45
1.13.2.3
LAN Wake Capabilities
CAUTION
For LAN wake capabilities, the +5 V standby line from the power supply must be
capable of providing adequate +5 V standby current. Failure to provide adequate
standby current when implementing LAN wake capabilities can damage the power
supply.
LAN wake capabilities enable remote wake-up of the computer through a network.
The LAN subsystem PCI bus network adapter monitors network traffic at the Media
Independent Interface. Upon detecting a Magic Packet* frame, the LAN subsystem
asserts a wake-up signal that powers up the computer. Depending on the LAN
implementation, the board supports LAN wake capabilities with ACPI in the following
ways:
The PCI Express WAKE# signal
The PCI bus PME# signal for PCI 2.3 compliant LAN designs
The onboard LAN subsystem


Similar Part No. - DP43TF

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
DP4 GRAYHILL-DP4 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
Copal Electronics
DP4 COPAL-DP4 Datasheet
438Kb / 2P
   Non-Illuminated Type
logo
List of Unclassifed Man...
DP40 ETC1-DP40 Datasheet
42Kb / 2P
   STUD-BASE SILICON RECTIFIER DIODES TYPE PCN/PCRO40 70AMPERES AVERAGE : UP TO 1600 VOLTS V-RRM
logo
Artesyn Technologies
DP40 ARTESYN-DP40 Datasheet
516Kb / 2P
   Medical and ITE safeties
logo
Emerson Network Power
DP4009N2M EMERSON-NETWORKPOWER-DP4009N2M Datasheet
297Kb / 2P
   40 Watts
More results

Similar Description - DP43TF

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com