Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP43TF Datasheet(PDF) 24 Page - Intel Corporation

Part # DP43TF
Description  Technical Product Specification
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP43TF Datasheet(HTML) 24 Page - Intel Corporation

Back Button DP43TF Datasheet HTML 20Page - Intel Corporation DP43TF Datasheet HTML 21Page - Intel Corporation DP43TF Datasheet HTML 22Page - Intel Corporation DP43TF Datasheet HTML 23Page - Intel Corporation DP43TF Datasheet HTML 24Page - Intel Corporation DP43TF Datasheet HTML 25Page - Intel Corporation DP43TF Datasheet HTML 26Page - Intel Corporation DP43TF Datasheet HTML 27Page - Intel Corporation DP43TF Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 86 page
background image
Intel Desktop Board DP43TF Technical Product Specification
24
1.10 Audio Subsystem
The onboard audio subsystem consists of the following:
Intel 82801JIB (ICH10)
Realtek ALC888VC audio codec
Back panel audio connectors
Component-side audio header:
⎯ Intel® High Definition Audio front panel header
The audio subsystem supports the following features:
A signal-to-noise (S/N) ratio of 95 dB
Independent 5.1 audio playback from back panel connectors and stereo playback
from the Intel High Definition Audio front panel header.
NOTE
Systems built with an AC 97 front panel will not be able to obtain the Microsoft
Windows Vista* logo.
Table 4 lists the supported functions of the front panel and back panel audio jacks.
Table 4. Audio Jack Support
Audio Jack
Supports
Line in?
Supports
Rear
Surround?
Supports
Center/
LFE?
Supports
Micro-
phone?
Supports
Line/Head
-phones
out?
Front panel – Green
No
No
No
No
Yes
Front panel – Pink
No
No
No
Yes
No
Back panel – Blue
Yes
Yes
No
No
No
Back panel – Green
No
No
No
No
Yes
Back panel – Pink
No
No
Yes
Yes
No


Similar Part No. - DP43TF

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
DP4 GRAYHILL-DP4 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
Copal Electronics
DP4 COPAL-DP4 Datasheet
438Kb / 2P
   Non-Illuminated Type
logo
List of Unclassifed Man...
DP40 ETC1-DP40 Datasheet
42Kb / 2P
   STUD-BASE SILICON RECTIFIER DIODES TYPE PCN/PCRO40 70AMPERES AVERAGE : UP TO 1600 VOLTS V-RRM
logo
Artesyn Technologies
DP40 ARTESYN-DP40 Datasheet
516Kb / 2P
   Medical and ITE safeties
logo
Emerson Network Power
DP4009N2M EMERSON-NETWORKPOWER-DP4009N2M Datasheet
297Kb / 2P
   40 Watts
More results

Similar Description - DP43TF

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com