Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP43TF Datasheet(PDF) 21 Page - Intel Corporation

Part # DP43TF
Description  Technical Product Specification
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP43TF Datasheet(HTML) 21 Page - Intel Corporation

Back Button DP43TF Datasheet HTML 17Page - Intel Corporation DP43TF Datasheet HTML 18Page - Intel Corporation DP43TF Datasheet HTML 19Page - Intel Corporation DP43TF Datasheet HTML 20Page - Intel Corporation DP43TF Datasheet HTML 21Page - Intel Corporation DP43TF Datasheet HTML 22Page - Intel Corporation DP43TF Datasheet HTML 23Page - Intel Corporation DP43TF Datasheet HTML 24Page - Intel Corporation DP43TF Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
Product Description
21
1.7
Parallel IDE Controller
The Parallel ATA IDE controller has one bus-mastering Parallel ATA IDE interface. The
Parallel ATA IDE interface supports the following modes:
Programmed I/O (PIO): processor controls data transfer.
8237-style DMA: DMA offloads the processor, supporting transfer rates of up to
16 MB/sec.
Ultra DMA: DMA protocol on IDE bus supporting host and target throttling and
transfer rates of up to 33 MB/sec.
ATA-66: DMA protocol on IDE bus supporting host and target throttling and
transfer rates of up to 66 MB/sec. ATA-66 protocol is similar to Ultra DMA and is
device driver compatible.
ATA-100: DMA protocol on IDE bus allows host and target throttling. The ATA-100
logic can achieve read transfer rates up to 100 MB/sec and write transfer rates up
to 88 MB/sec.
NOTE
ATA-66 and ATA-100 are faster timings and require a specialized cable to reduce
reflections, noise, and inductive coupling.
The Parallel ATA IDE interface also supports ATAPI devices (such as CD-ROM drives)
and ATA devices. The BIOS supports Logical Block Addressing (LBA) and Extended
Cylinder Head Sector (ECHS) translation modes. The drive reports the transfer rate
and translation mode to the BIOS.
For information about
Refer to
The location of the Parallel ATA IDE connector
Figure 10, page 42


Similar Part No. - DP43TF

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
DP4 GRAYHILL-DP4 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
Copal Electronics
DP4 COPAL-DP4 Datasheet
438Kb / 2P
   Non-Illuminated Type
logo
List of Unclassifed Man...
DP40 ETC1-DP40 Datasheet
42Kb / 2P
   STUD-BASE SILICON RECTIFIER DIODES TYPE PCN/PCRO40 70AMPERES AVERAGE : UP TO 1600 VOLTS V-RRM
logo
Artesyn Technologies
DP40 ARTESYN-DP40 Datasheet
516Kb / 2P
   Medical and ITE safeties
logo
Emerson Network Power
DP4009N2M EMERSON-NETWORKPOWER-DP4009N2M Datasheet
297Kb / 2P
   40 Watts
More results

Similar Description - DP43TF

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com