Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP43TF Datasheet(PDF) 15 Page - Intel Corporation

Part # DP43TF
Description  Technical Product Specification
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP43TF Datasheet(HTML) 15 Page - Intel Corporation

Back Button DP43TF Datasheet HTML 11Page - Intel Corporation DP43TF Datasheet HTML 12Page - Intel Corporation DP43TF Datasheet HTML 13Page - Intel Corporation DP43TF Datasheet HTML 14Page - Intel Corporation DP43TF Datasheet HTML 15Page - Intel Corporation DP43TF Datasheet HTML 16Page - Intel Corporation DP43TF Datasheet HTML 17Page - Intel Corporation DP43TF Datasheet HTML 18Page - Intel Corporation DP43TF Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 86 page
background image
Product Description
15
INTEGRATOR’S NOTE
Use only ATX12V-compliant power supplies.
For information about
Refer to
Power supply connectors
Section 2.2.2.4, page 47
1.5
System Memory
The board has four DIMM sockets and supports the following memory features:
1.8 V DDR2 SDRAM DIMMs with gold plated contacts, with the option to raise the
voltage to support higher performance DDR2 SDRAM DIMMs
Dual channel interleaved mode support
Unbuffered, single-sided or double-sided DIMMs with the following restriction:
Double-sided DIMMs with x16 organization are not supported.
8 GB maximum total system memory. Refer to Section 2.1.1 on page 37 for
information on the total amount of addressable memory.
Minimum total system memory: 512 MB
Non-ECC DIMMs
Serial Presence Detect
DDR2 667 MHz or DDR2 800 MHz SDRAM DIMMs
DDR2 667 MHz DIMMs with SPD timings of only 5-5-5 (tCL-tRCD-tRP)
DDR2 800 MHz DIMMs with SPD timings of only 5-5-5 or 6-6-6 (tCL-tRCD-tRP)
NOTE
To be fully compliant with all applicable DDR SDRAM memory specifications, the board
should be populated with DIMMs that support the Serial Presence Detect (SPD) data
structure. This enables the BIOS to read the SPD data and program the chipset to
accurately configure memory settings for optimum performance. If non-SPD memory
is installed, the BIOS will attempt to correctly configure the memory settings, but
performance and reliability may be impacted or the DIMMs may not function under the
determined frequency.
Table 3 lists the supported DIMM configurations.
Table 3. Supported Memory Configurations
DIMM
Type
SDRAM
Technology
Smallest usable
DIMM (one x16
Single-sided
DIMM)
Largest usable
DIMM (one x8
Double-sided
DIMM)
Maximum capacity
with four identical
x8 Double-sided
DIMMs
DDR2 667
512 Mbit
256 MB
1 GB
4 GB
DDR2 667
1 Gbit
512 MB
2 GB
8 GB
DDR2 800
512 Mbit
256 MB
1 GB
4 GB
DDR2 800
1 Gbit
512 MB
2 GB
8 GB


Similar Part No. - DP43TF

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
DP4 GRAYHILL-DP4 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
Copal Electronics
DP4 COPAL-DP4 Datasheet
438Kb / 2P
   Non-Illuminated Type
logo
List of Unclassifed Man...
DP40 ETC1-DP40 Datasheet
42Kb / 2P
   STUD-BASE SILICON RECTIFIER DIODES TYPE PCN/PCRO40 70AMPERES AVERAGE : UP TO 1600 VOLTS V-RRM
logo
Artesyn Technologies
DP40 ARTESYN-DP40 Datasheet
516Kb / 2P
   Medical and ITE safeties
logo
Emerson Network Power
DP4009N2M EMERSON-NETWORKPOWER-DP4009N2M Datasheet
297Kb / 2P
   40 Watts
More results

Similar Description - DP43TF

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com