Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6562AT Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6562AT
Description  Transition-mode PFC controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562AT Datasheet(HTML) 1 Page - STMicroelectronics

  L6562AT Datasheet HTML 1Page - STMicroelectronics L6562AT Datasheet HTML 2Page - STMicroelectronics L6562AT Datasheet HTML 3Page - STMicroelectronics L6562AT Datasheet HTML 4Page - STMicroelectronics L6562AT Datasheet HTML 5Page - STMicroelectronics L6562AT Datasheet HTML 6Page - STMicroelectronics L6562AT Datasheet HTML 7Page - STMicroelectronics L6562AT Datasheet HTML 8Page - STMicroelectronics L6562AT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
March 2009
Rev 2
1/25
25
L6562AT
Transition-mode PFC controller
Features
Guaranteed for extreme temperature range
(outdoor)
Proprietary multiplier design for minimum THD
Very accurate adjustable output overvoltage
protection
Ultra-low (30 μA) start-up current
Low (2.5 mA) quiescent current
Digital leading-edge blanking on current sense
Disable function on E/A input
1% (@ TJ = 25 °C) internal reference voltage
-600/+800 mA totem pole gate driver with
active pull-down during UVLO and voltage
clamp
DIP-8/SO-8 packages
Applications
PFC pre-regulators for:
Street lighting
IEC61000-3-2 compliant SMPS (Flat TV,
monitors, desktop PC, games)
Electronic ballast
SO-8
DIP-8
Figure 1.
Block diagram
Table 1.
Device summary
Order codes
Package
Packaging
L6562ATN
DIP-8
Tube
L6562ATD
SO-8
Tube
L6562ATDTR
Tape and reel
www.st.com


Similar Part No. - L6562AT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6562A STMICROELECTRONICS-L6562A Datasheet
547Kb / 26P
   Transition-mode PFC controller
L6562AD STMICROELECTRONICS-L6562AD Datasheet
547Kb / 26P
   Transition-mode PFC controller
L6562ADTR STMICROELECTRONICS-L6562ADTR Datasheet
547Kb / 26P
   Transition-mode PFC controller
L6562AN STMICROELECTRONICS-L6562AN Datasheet
547Kb / 26P
   Transition-mode PFC controller
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
   Transition-mode PFC controller
More results

Similar Description - L6562AT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
   Transition-mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
   TRANSITION-MODE PFC CONTROLLER
logo
Texas Instruments
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
   Advanced transition-mode PFC controller
logo
Diodes Incorporated
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
   Transition Mode PFC LED Controller
AL6562 DIODES-AL6562 Datasheet
800Kb / 16P
   Transition Mode PFC LED Controller
logo
STMicroelectronics
DAP005 STMICROELECTRONICS-DAP005 Datasheet
530Kb / 39P
   Advanced transition-mode PFC controller
February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com