Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6562AT Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6562AT
Description  Transition-mode PFC controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562AT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6562AT Datasheet HTML 4Page - STMicroelectronics L6562AT Datasheet HTML 5Page - STMicroelectronics L6562AT Datasheet HTML 6Page - STMicroelectronics L6562AT Datasheet HTML 7Page - STMicroelectronics L6562AT Datasheet HTML 8Page - STMicroelectronics L6562AT Datasheet HTML 9Page - STMicroelectronics L6562AT Datasheet HTML 10Page - STMicroelectronics L6562AT Datasheet HTML 11Page - STMicroelectronics L6562AT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Typical electrical characteristic
L6562AT
8/25
6
Typical electrical characteristic
Figure 3.
Supply current vs supply
voltage
Figure 4.
Start-up and UVLO vs TJ
Figure 5.
IC consumption vs TJ
Figure 6.
Vcc Zener voltage vs TJ
0.00
0.01
0.10
1.00
10.00
0.00
5.00
10.00
15.00
20.00
25.00
Vcc (V)
Co = 1 nF
f = 70 kHz
Tj = 25°C
pj
9
10
11
12
13
-50
0
50
100
150
Tj (°C)
Vcc-ON
Vcc-OFF
pj
0.01
0.1
1
10
-50
0
50
100
150
Tj (°C)
Before start-up
Disabled or during OVP
Quiescent
Operating
Vcc = 12 V
Co= 1 nF
f = 70 kHz
22
23
24
25
26
27
28
-50
0
50
100
150
Tj (°C)


Similar Part No. - L6562AT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6562A STMICROELECTRONICS-L6562A Datasheet
547Kb / 26P
   Transition-mode PFC controller
L6562AD STMICROELECTRONICS-L6562AD Datasheet
547Kb / 26P
   Transition-mode PFC controller
L6562ADTR STMICROELECTRONICS-L6562ADTR Datasheet
547Kb / 26P
   Transition-mode PFC controller
L6562AN STMICROELECTRONICS-L6562AN Datasheet
547Kb / 26P
   Transition-mode PFC controller
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
   Transition-mode PFC controller
More results

Similar Description - L6562AT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
   Transition-mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
   TRANSITION-MODE PFC CONTROLLER
logo
Texas Instruments
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
   Advanced transition-mode PFC controller
logo
Diodes Incorporated
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
   Transition Mode PFC LED Controller
AL6562 DIODES-AL6562 Datasheet
800Kb / 16P
   Transition Mode PFC LED Controller
logo
STMicroelectronics
DAP005 STMICROELECTRONICS-DAP005 Datasheet
530Kb / 39P
   Advanced transition-mode PFC controller
February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com