Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L5957 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5957
Description  Multifunction voltage regulator for car radio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5957 Datasheet(HTML) 1 Page - STMicroelectronics

  L5957 Datasheet HTML 1Page - STMicroelectronics L5957 Datasheet HTML 2Page - STMicroelectronics L5957 Datasheet HTML 3Page - STMicroelectronics L5957 Datasheet HTML 4Page - STMicroelectronics L5957 Datasheet HTML 5Page - STMicroelectronics L5957 Datasheet HTML 6Page - STMicroelectronics L5957 Datasheet HTML 7Page - STMicroelectronics L5957 Datasheet HTML 8Page - STMicroelectronics L5957 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
January 2010
Doc ID 14442 Rev 2
1/16
1
L5957
Multifunction voltage regulator for car radio
Features
Four outputs:
– 8.5 V @ 500 mA
– 5 V @ 300 mA Permanent
–5 V @ 800 mA
– 3.3 V @ 800 mA
2 A high side driver
Reset function
Ignition comparator
Load dump protection
Thermal shutdown
Overcurrent limitation
All pins ESD protected
Description
The L5957 contains a triple voltage regulator and
a power switch.
The IC includes a monitoring circuit for detection.
The IC features a very low quiescent current in
standby.
PowerSO20 (Slug up)
Multiwatt15 (Vertical)
Table 1.
Device summary
Order code
Package
Packing
L5957PD
PowerSO20 (slug up)
Tube
L5957PDTR
PowerSO20 (slug up)
Tape and reel
L5957
Multiwatt15 (Vertical)
Tube
www.st.com


Similar Part No. - L5957

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5950 STMICROELECTRONICS-L5950 Datasheet
132Kb / 8P
MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L5951 STMICROELECTRONICS-L5951 Datasheet
119Kb / 13P
TRIPLE OUTPUT MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO WITH IDR/CLASS 2 INTERFACE
L5952 STMICROELECTRONICS-L5952 Datasheet
145Kb / 15P
MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
L5953 STMICROELECTRONICS-L5953 Datasheet
217Kb / 24P
MULTIPLE SWITCHING VOLTAGE REGULATOR
September 2003
L5953 STMICROELECTRONICS-L5953 Datasheet
378Kb / 31P
Multiple switching voltage regulator
More results

Similar Description - L5957

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4943 STMICROELECTRONICS-L4943 Datasheet
113Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L4953K STMICROELECTRONICS-L4953K Datasheet
56Kb / 8P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L4954 STMICROELECTRONICS-L4954 Datasheet
63Kb / 7P
QUAD MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L5956 STMICROELECTRONICS-L5956 Datasheet
231Kb / 16P
Multifunction voltage regulator for car radio
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
Multiple multifunction voltage regulator for car radio
L5959 STMICROELECTRONICS-L5959 Datasheet
201Kb / 19P
Multifunction voltage regulator for car radio
L5956 STMICROELECTRONICS-L5956_11 Datasheet
291Kb / 17P
Multifunction voltage regulator for car radio
L5958 STMICROELECTRONICS-L5958 Datasheet
282Kb / 20P
Multifunction voltage regulator for car radio
July 2010 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com