Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

749023010 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 749023010
Description  Spezifikation fur Freigabe specification for release
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

749023010 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  749023010 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 749023010 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 749023010 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Kunde / customer :
Artikelnummer / part number :
Bezeichnung :
LAN-Übertrager WE-LAN
description :
LAN-Transformer WE-LAN
DATUM / DATE : 2006-03-24
I Rollenspezifikation / tape and reel specification :
A
16,5 ± 0,1
mm
B
44,0 ± 0,3
mm
B1
40,4 ± 0,1
mm
B2
20,2 ± 0,1
mm
+ 0,1
- 0,0
D
4,00 ± 0,1
mm
E
2,00 ± 0,1
mm
+ 0,1
- 0,0
+ 0,15
- 0,05
H
24,0 ± 0,1
mm
I
6,5 ± 0,1
mm
K
18,5 ± 0,1
mm
Rollenspezifikation / Reel specification:
a
330,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,50 ± 0,5
mm
d
100,0 ± 1,0
mm
Freigabe erteilt / general release:
..................................................................................
..................................................................................
Datum / date
TBr
2006-03-24
...............................................
..................................................
TBr
2006-01-31
Geprüft / checked
Name
Datum / date
1,50
mm
F
1,50
mm
G
1,70
mm
C
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Spezifikation für Freigabe / specification for release
749023010
Kunde / customer
Würth Elektronik
Würth Elektronik eiSos GmbH & Co.KG
Würth Elektronik eiSos GmbH & Co.KG
Würth Elektronik eiSos GmbH & Co.KG
Würth Elektronik eiSos GmbH & Co.KG
Version 2
Version 1
Kontrolliert / approved
Unterschrift / signature
Änderung / modification
Gurtspezifikation / Tape specification:
Ø c
a
d
b
The force for tearing off cover tape is
10 to 130 grams in arrow direction
165 to 180°
feeding direction
A
B1
E
D
øC
B
B2
F
G
I
K
H
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if
there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal,
disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every
electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
SEITE 3 VON 3


Similar Part No. - 749023010

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
749023010A WURTH-749023010A Datasheet
373Kb / 3P
   LAN-Transformer WE-LAN
More results

Similar Description - 749023010

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
749013021 WURTH-749013021 Datasheet
184Kb / 3P
   Spezifikation fur Freigabe specification for release
749020011 WURTH-749020011 Datasheet
274Kb / 3P
   Spezifikation fur Freigabe specification for release
744761116A WURTH-744761116A Datasheet
65Kb / 1P
   Spezifikation fur Freigabe / specification for release
749119350 WURTH-749119350 Datasheet
143Kb / 3P
   Spezifikation fur Freigabe specification for release
749119233 WURTH-749119233 Datasheet
146Kb / 3P
   Spezifikation fur Freigabe specification for release
749050018 WURTH-749050018 Datasheet
320Kb / 3P
   Spezifikation fur Freigabe / specification for release
749052011 WURTH-749052011 Datasheet
318Kb / 3P
   Spezifikation fur Freigabe / specification for release
749052012 WURTH-749052012 Datasheet
324Kb / 3P
   Spezifikation fur Freigabe / specification for release
760871631 WURTH-760871631 Datasheet
80Kb / 2P
   Spezifikation fur Freigabe / specification for release
749013040 WURTH-749013040 Datasheet
233Kb / 3P
   Spezifikation fur Freigabe specification for release
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com