Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

511BBA200M000BAG Datasheet(PDF) 22 Page - Silicon Laboratories

Part # 511BBA200M000BAG
Description  CRYSTAL OSCILLATOR 100 kHZ TO 250 MHZ
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

511BBA200M000BAG Datasheet(HTML) 22 Page - Silicon Laboratories

Back Button 511BBA200M000BAG Datasheet HTML 18Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 19Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 20Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 21Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 22Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 23Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 24Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 25Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 26Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Si510/511
22
Rev. 1.1
11. Package Outline Diagram: 3.2 x 5 mm, 6-Pin
Figure 10 illustrates the package details for the 3.2 x 5 mm Si510/511. Table 20 lists the values for the dimensions
shown in the illustration.
Figure 10. Si510/511 Outline Diagram
Table 20. Package Diagram Dimensions (mm)
Dimension
Min
Nom
Max
A
1.061.171.28
b
0.540.640.74
c
0.350.450.55
D
3.20 BSC
D1
2.55
2.60
2.65
e
1.27 BSC
E
5.00 BSC
E1
4.35
4.40
4.45
H
0.450.550.65
L
0.901.001.10
L1
0.05
0.10
0.15
p
1.171.271.37
R0.32 REF
aaa
0.15
bbb
0.15
ccc
0.10
ddd
0.10
eee
0.05
Notes:
1.
All dimensions shown are in millimeters (mm) unless otherwise noted.
2.
Dimensioning and Tolerancing per ANSI Y14.5M-1994.
 


Similar Part No. - 511BBA200M000BAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
511BJ-01 ONSEMI-511BJ-01 Datasheet
73Kb / 2P
Electronic versions are uncontrolled except when accessed directly
July, 2010 ??Rev. 01B
More results

Similar Description - 511BBA200M000BAG

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI515 SKYWORKS-SI515 Datasheet
1Mb / 24P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 100 kHZ TO 250 MHZ
Rev. 1.2
SI516 SKYWORKS-SI516 Datasheet
1Mb / 24P
DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 100 kHZ TO 250 MHZ
Rev. 1.2
logo
Epson ToYoCom
SG-3030LC EPSONTOYOCOM-SG-3030LC_10 Datasheet
215Kb / 1P
CRYSTAL OSCILLATOR 32.768 kHz
logo
Micronetics, Inc.
NMA2011-A1D MICRONETICS-NMA2011-A1D Datasheet
295Kb / 2P
Legacy 100 kHz to 1500 MHz
NMA2107-A1E MICRONETICS-NMA2107-A1E Datasheet
50Kb / 2P
Legacy 1 kHz to 100 MHz
NMA2010-A2S MICRONETICS-NMA2010-A2S Datasheet
163Kb / 2P
Legacy 100 kHz to 1000 MHz
NMA2012-A2S MICRONETICS-NMA2012-A2S Datasheet
163Kb / 2P
Legacy 100 kHz to 2000 MHz
NMA2107-A2S MICRONETICS-NMA2107-A2S Datasheet
163Kb / 2P
Legacy 1 kHz to 100 MHz
NMA2010-A1D MICRONETICS-NMA2010-A1D Datasheet
295Kb / 2P
Legacy 100 kHz to 1000 MHz
NMA2011-A2S MICRONETICS-NMA2011-A2S Datasheet
163Kb / 2P
Legacy 100 kHz to 1500 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com