Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

511BBA200M000BAG Datasheet(PDF) 17 Page - Silicon Laboratories

Part # 511BBA200M000BAG
Description  CRYSTAL OSCILLATOR 100 kHZ TO 250 MHZ
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

511BBA200M000BAG Datasheet(HTML) 17 Page - Silicon Laboratories

Back Button 511BBA200M000BAG Datasheet HTML 13Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 14Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 15Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 16Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 17Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 18Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 19Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 20Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 21Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Si510/511
Rev. 1.1
17
6. PCB Land Pattern: 5 x 7 mm, 4-pin
Figure 5 illustrates the 5 x 7 mm PCB land pattern for the 5 x 7 mm Si510/511. Table 15 lists the values for the
dimensions shown in the illustration.
Figure 5. Si510/511 PCB Land Pattern
Table 15. PCB Land Pattern Dimensions (mm)
Dimension
(mm)
C1
4.20
E5.08
X1
1.55
Y1
1.95
Notes:
General
1.
All dimensions shown are in millimeters (mm) unless otherwise noted.
2.
Dimensioning and Tolerancing is per the ANSI Y14.5M-1994 specification.
3.
This Land Pattern Design is based on the IPC-7351 guidelines.
4.
All dimensions shown are at Maximum Material Condition (MMC). Least Material Condition
(LMC) is calculated based on a Fabrication Allowance of 0.05 mm.
Solder Mask Design
5.
All metal pads are to be non-solder mask defined (NSMD). Clearance between the solder
mask and the metal pad is to be 60 µm minimum, all the way around the pad.
Stencil Design
6.
A stainless steel, laser-cut and electro-polished stencil with trapezoidal walls should be used
to assure good solder paste release.
7.
The stencil thickness should be 0.125 mm (5 mils).
8.
The ratio of stencil aperture to land pad size should be 1:1.
Card Assembly
9.
A No-Clean, Type-3 solder paste is recommended.
10.
The recommended card reflow profile is per the JEDEC/IPC J-STD-020D specification for
Small Body Components.
 


Similar Part No. - 511BBA200M000BAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
511BJ-01 ONSEMI-511BJ-01 Datasheet
73Kb / 2P
Electronic versions are uncontrolled except when accessed directly
July, 2010 ??Rev. 01B
More results

Similar Description - 511BBA200M000BAG

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI515 SKYWORKS-SI515 Datasheet
1Mb / 24P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 100 kHZ TO 250 MHZ
Rev. 1.2
SI516 SKYWORKS-SI516 Datasheet
1Mb / 24P
DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 100 kHZ TO 250 MHZ
Rev. 1.2
logo
Epson ToYoCom
SG-3030LC EPSONTOYOCOM-SG-3030LC_10 Datasheet
215Kb / 1P
CRYSTAL OSCILLATOR 32.768 kHz
logo
Micronetics, Inc.
NMA2011-A1D MICRONETICS-NMA2011-A1D Datasheet
295Kb / 2P
Legacy 100 kHz to 1500 MHz
NMA2107-A1E MICRONETICS-NMA2107-A1E Datasheet
50Kb / 2P
Legacy 1 kHz to 100 MHz
NMA2010-A2S MICRONETICS-NMA2010-A2S Datasheet
163Kb / 2P
Legacy 100 kHz to 1000 MHz
NMA2012-A2S MICRONETICS-NMA2012-A2S Datasheet
163Kb / 2P
Legacy 100 kHz to 2000 MHz
NMA2107-A2S MICRONETICS-NMA2107-A2S Datasheet
163Kb / 2P
Legacy 1 kHz to 100 MHz
NMA2010-A1D MICRONETICS-NMA2010-A1D Datasheet
295Kb / 2P
Legacy 100 kHz to 1000 MHz
NMA2011-A2S MICRONETICS-NMA2011-A2S Datasheet
163Kb / 2P
Legacy 100 kHz to 1500 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com