Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

511BBA200M000BAG Datasheet(PDF) 6 Page - Silicon Laboratories

Part # 511BBA200M000BAG
Description  CRYSTAL OSCILLATOR 100 kHZ TO 250 MHZ
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

511BBA200M000BAG Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button 511BBA200M000BAG Datasheet HTML 2Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 3Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 4Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 5Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 6Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 7Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 8Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 9Page - Silicon Laboratories 511BBA200M000BAG Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Si510/511
6
Rev. 1.1
Table 3. Output Clock Levels and Symmetry
VDD = 1.8 V ±5%, 2.5 or 3.3 V ±10%, TA = –40 to +85 oC
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
CMOS Output Logic
High
VOH
0.85 x VDD
——
V
CMOS Output Logic
Low
VOL
0.15 x VDD
V
CMOS Output Logic
High Drive
IOH
3.3 V
–8
mA
2.5 V
–6
mA
1.8 V
–4
mA
CMOS Output Logic
Low Drive
IOL
3.3 V
8
mA
2.5 V
6
mA
1.8 V
4
mA
CMOS Output Rise/Fall
Time
(20 to 80% VDD)
TR/TF
0.1 to 212.5 MHz,
CL = 15 pF
—0.8
1.2
ns
0.1 to 212.5 MHz,
CL = no load
—0.6
0.9
ns
LVPECL/HCSL Output
Rise/Fall Time
(20 to 80% VDD)
TR/TF
——
565
ps
LVDS Output Rise/Fall
Time (20 to 80% VDD)
TR/TF
——
800
ps
LVPECL Output
Common Mode
VOC
50
 to VDD – 2 V,
single-ended
—VDD
1.4 V
—V
LVPECL Output Swing
VO
50
 to VDD – 2 V,
single-ended
0.55
0.8
0.90
VPPSE
LVDS Output Common
Mode
VOC
100
 line-line
VDD = 3.3/2.5 V
1.13
1.23
1.33
V
100
 line-line, VDD = 1.8 V
0.83
0.92
1.00
V
LVDS Output Swing
VO
Single-ended, 100
differential
termination
0.25
0.35
0.45
VPPSE
HCSL Output Common
Mode
VOC
50
to ground
0.35
0.38
0.42
V
HCSL Output Swing
VO
Single-ended
0.58
0.73
0.85
VPPSE
Duty Cycle
DC
All formats
485052
%


Similar Part No. - 511BBA200M000BAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
511BJ-01 ONSEMI-511BJ-01 Datasheet
73Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
July, 2010 ??Rev. 01B
More results

Similar Description - 511BBA200M000BAG

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI515 SKYWORKS-SI515 Datasheet
1Mb / 24P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 100 kHZ TO 250 MHZ
Rev. 1.2
SI516 SKYWORKS-SI516 Datasheet
1Mb / 24P
   DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 100 kHZ TO 250 MHZ
Rev. 1.2
logo
Epson ToYoCom
SG-3030LC EPSONTOYOCOM-SG-3030LC_10 Datasheet
215Kb / 1P
   CRYSTAL OSCILLATOR 32.768 kHz
logo
Micronetics, Inc.
NMA2011-A1D MICRONETICS-NMA2011-A1D Datasheet
295Kb / 2P
   Legacy 100 kHz to 1500 MHz
NMA2107-A1E MICRONETICS-NMA2107-A1E Datasheet
50Kb / 2P
   Legacy 1 kHz to 100 MHz
NMA2010-A2S MICRONETICS-NMA2010-A2S Datasheet
163Kb / 2P
   Legacy 100 kHz to 1000 MHz
NMA2012-A2S MICRONETICS-NMA2012-A2S Datasheet
163Kb / 2P
   Legacy 100 kHz to 2000 MHz
NMA2107-A2S MICRONETICS-NMA2107-A2S Datasheet
163Kb / 2P
   Legacy 1 kHz to 100 MHz
NMA2010-A1D MICRONETICS-NMA2010-A1D Datasheet
295Kb / 2P
   Legacy 100 kHz to 1000 MHz
NMA2011-A2S MICRONETICS-NMA2011-A2S Datasheet
163Kb / 2P
   Legacy 100 kHz to 1500 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com