Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QKA3618CBG Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R1QKA3618CBG
Description  36-Mbit QDRII SRAM 4-word Burst
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QKA3618CBG Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R1QKA3618CBG Datasheet HTML 28Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 29Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 30Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 31Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 32Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 33Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 34Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 35Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
PAGE : 32
Rev. 0.09a : 2011.09.14
R1QGA36**CB* / R1QKA36**CB* Series
36---
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Bit #
Boundary Scan Order
11E
10F
9F
11G
11F
9G
10G
11H
11J
10J
9K
9J
10K
11K
10L
9L
11M
11L
9N
9M
11N
10M
9P
10N
10P
11P
9R
8P
8R
7R
7N
7P
6N
6P
6R
Ball ID
Q3
NC
NC
NC
NC
NC
NC
ZQ
D2
Q2
NC
NC
NC
NC
NC
NC
D1
Q1
NC
NC
NC
NC
NC
NC
D0
Q0
SA
SA
SA
SA
SA
SA
SA
C
or QVLD
/C or NC
or ODT
x9
Signal names
Q6
NC
NC
D5
Q5
NC
NC
ZQ
D4
Q4
NC
NC
D3
Q3
NC
NC
D2
Q2
NC
NC
D1
Q1
NC
NC
D0
Q0
SA
SA
SA
SA
SA
SA
SA
C
or QVLD
/C or NC
or ODT
x18
Q6
Q14
D14
D5
Q5
Q13
D13
ZQ
D4
Q4
Q12
D12
D3
Q3
Q11
D11
D2
Q2
Q10
D10
D1
Q1
Q9
D9
D0
Q0
SA
SA
SA
SA
SA
SA
SA
C
or QVLD
/C or NC
or ODT
x36
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
Bit #
3D
1B
1C
3B
2B
1A
2A
3A
4B
5C
4A
5A
5B
6A
6B
7B
7A
8A
6C
7C
8B
9A
10A
11A
10B
9B
11C
11B
9D
9C
11D
10C
9E
10D
10E
Ball ID
NC
NC
NC
NC
NC
/CQ
NC
SA
SA
SA
/W
NC
NC
/K
K
/BW
NC
/R
NC
SA
SA
SA
SA
CQ
NC
NC
D4
Q4
NC
NC
NC
NC
NC
NC
D3
x9
Signal names
Q10
NC
NC
D9
Q9
/CQ
NC
SA
SA
SA
/W
/BW1
NC
/K
K
/BW0
NC
/R
NC
SA
SA
SA
NC
CQ
NC
NC
D8
Q8
NC
NC
D7
Q7
NC
NC
D6
x18
Q19
Q27
D27
D18
Q18
/CQ
NC
NC
SA
SA
/W
/BW2
/BW3
/K
K
/BW0
/BW1
/R
NC
SA
SA
SA
NC
CQ
Q17
D17
D8
Q8
Q16
D16
D7
Q7
Q15
D15
D6
x36
R10DS0161EJ0009


Similar Part No. - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
308Kb / 38P
36-Mbit QDRII SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
310Kb / 38P
36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
311Kb / 38P
36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
More results

Similar Description - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q3A3636B RENESAS-R1Q3A3636B Datasheet
231Kb / 27P
36-Mbit QDR?줚I SRAM 4-word Burst
R1Q5A3636B RENESAS-R1Q5A3636B Datasheet
334Kb / 25P
36-Mbit DDRII SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
R1QAA3636CBG RENESAS-R1QAA3636CBG Datasheet
308Kb / 38P
36-Mbit QDRII SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB Datasheet
881Kb / 39P
72-Mbit QDRII SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG Datasheet
883Kb / 39P
72-Mbit QDRII SRAM 4-word Burst
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA_15 Datasheet
860Kb / 30P
36-Mbit QDR??II SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB_15 Datasheet
307Kb / 38P
36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB_15 Datasheet
307Kb / 38P
36-Mbit QDR?줚I SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com