Electronic Components Datasheet Search |
|
R1QKA3618CBG Datasheet(PDF) 31 Page - Renesas Technology Corp |
|
|
R1QKA3618CBG Datasheet(HTML) 31 Page - Renesas Technology Corp |
31 / 38 page PAGE : 31 Rev. 0.09a : 2011.09.14 R1QGA36**CB* / R1QKA36**CB* Series 3, 5 When the SAMPLE instruction is loaded in the instruction register, moving the TAP controller into the capture-DR state loads the data in the RAMs input and I/O buffers into the boundary scan register. Because the RAM clock(s) are independent from the TAP clock (TCK) it is possible for the TAP to attempt to capture the I/O ring contents while the input buffers are in transition (i.e., in a metastable state). Although allowing the TAP to SAMPLE metastable input will not harm the device, repeatable results cannot be expected. Moving the controller to shift-DR state then places the boundary scan register between the TDI and TDO balls. SAMPLE (/PRELOAD) 0 0 1 - RESERVED 1 0 1 - RESERVED 0 1 1 The BYPASS instruction is loaded in the instruction register when the bypass register is placed between TDI and TDO. This occurs when the TAP controller is moved to the shift-DR state. This allows the board level scan path to be shortened to facilitate testing of other devices in the scan path. BYPASS 1 1 1 The RESERVED instructions are not implemented but are reserved for future use. Do not use these instructions. If the SAMPLE-Z instruction is loaded in the instruction register, all RAM outputs are forced to an inactive drive state (high-Z), moving the TAP controller into the capture-DR state loads the data in the RAMs input into the boundary scan register, and the boundary scan register is connected between TDI and TDO when the TAP controller is moved to the shift-DR state. The IDCODE instruction causes the ID ROM to be loaded into the ID register when the controller is in capture-DR mode and places the ID register between the TDI and TDO balls in shift- DR mode. The IDCODE instruction is the default instruction loaded in at power up and any time the controller is placed in the Test-Logic-Reset state. The EXTEST instruction allows circuitry external to the component package to be tested. Boundary scan register cells at output balls are used to apply test vectors, while those at input balls capture test results. Typically, the first test vector to be applied using the EXTEST instruction will be shifted into the boundary scan register using the PRELOAD instruction. Thus, during the Update-IR state of EXTEST, the output driver is turned on and the PRELOAD data is driven onto the output balls. Description IDCODE 1 0 0 3, 4, 5 SAMPLE-Z 0 1 0 RESERVED 1 1 0 TAP Controller Instruction Set EXTEST Instruction Notes: 1. Data in output register is not guaranteed if EXTEST instruction is loaded. 2. After performing EXTEST, power-up conditions are required in order to return part to normal operation. 3. RAM input signals must be stabilized for long enough to meet the TAPs input data capture setup plus hold time (t CS plus tCH). The RAMs clock inputs need not be paused for any other TAP operation except capturing the I/O ring contents into the boundary scan register. 4. Clock recovery initialization cycles are required after boundary scan. 5. For R1QD, R1QE, R1QF, R1QK, R1QL, R1QM, R1QP series, ODT is disabled in EXTEST, SAMPLE-Z or SAMPLE mode. 1, 2, 3, 5 Notes 0 0 0 IR0 IR1 IR2 Common R10DS0161EJ0009 |
Similar Part No. - R1QKA3618CBG |
|
Similar Description - R1QKA3618CBG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |