Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QKA3618CBG Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # R1QKA3618CBG
Description  36-Mbit QDRII SRAM 4-word Burst
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QKA3618CBG Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button R1QKA3618CBG Datasheet HTML 23Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 24Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 25Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 26Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 27Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 28Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 29Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 30Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
PAGE : 27
Rev. 0.09a : 2011.09.14
R1QGA36**CB* / R1QKA36**CB* Series
0 V
V
IN
V
DD,
output disabled
A
5.0
5.0
I
LO
Output leakage current
I
OLC = 100
A
V
0.2
V
OL1
Output low voltage
I
OLT = 2 mA
V
0.4
V
OL2
5.0
0.5
V
DD + 0.3
Max
V
0.3
V
IL
Input low voltage
0 V
V
IN
V
DD
A
5.0
I
LI
Input leakage current
|I
OHC| = 100
A
V
1.6
V
OH1
Output high voltage
|I
OHT| = 2 mA
V
1.4
V
OH2
TAP DC Operating Characteristics
(Ta =
0 ~ +70 C @ R1Q*A*****BG-**R** series)
(Ta = -40 ~ +85 C @ R1Q*A*****BG-**I** series)
(V
DD =1.8V
0.1V)
Typ
V
Unit
Notes:
1.
All voltages referenced to V
SS (GND).
2.
At power-up, V
DD and VDDQ are assumed to be a linear ramp from 0V to VDD(min.) or
V
DDQ(min.) within 200ms. During this time VDDQ < VDD and VIH < VDDQ.
During normal operation, V
DDQ must not exceed VDD.
Notes
+1.3
V
IH
Input high voltage
Min
Symbol
Parameter
Common
R10DS0161EJ0009


Similar Part No. - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
308Kb / 38P
36-Mbit QDRII SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
310Kb / 38P
36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
311Kb / 38P
36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
More results

Similar Description - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q3A3636B RENESAS-R1Q3A3636B Datasheet
231Kb / 27P
36-Mbit QDR?줚I SRAM 4-word Burst
R1Q5A3636B RENESAS-R1Q5A3636B Datasheet
334Kb / 25P
36-Mbit DDRII SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
R1QAA3636CBG RENESAS-R1QAA3636CBG Datasheet
308Kb / 38P
36-Mbit QDRII SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB Datasheet
881Kb / 39P
72-Mbit QDRII SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG Datasheet
883Kb / 39P
72-Mbit QDRII SRAM 4-word Burst
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA_15 Datasheet
860Kb / 30P
36-Mbit QDR??II SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB_15 Datasheet
307Kb / 38P
36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB_15 Datasheet
307Kb / 38P
36-Mbit QDR?줚I SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com