Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QKA3618CBG Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # R1QKA3618CBG
Description  36-Mbit QDRII SRAM 4-word Burst
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QKA3618CBG Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button R1QKA3618CBG Datasheet HTML 21Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 22Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 23Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 24Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 25Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 26Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 27Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 28Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
PAGE : 25
Rev. 0.09a : 2011.09.14
R1QGA36**CB* / R1QKA36**CB* Series
hinS=00000.0000.0000.0100.0100---
00000.0000.0000.0100.0100
---00000.0000.0000.0100.0100---
R1QA_RL=2.0
R
tQVLD
-tQVLD
tQVLD
-tQVLD
Q00
Qx3
Q01 Q02 Q03 Q20 Q21 Q22 Q23
Qx2
Qx1
tCHQV
-tCHQX
tCHQV
-tCHQX
tCQHQV
-tCQHQX
-tCHQX1
tCHQZ
tCHCQV
-tCHCQX
tCHCQV
-tCHCQX
Timing Waveforms
Read and Write Timing (QDRII+, B4, Read Latency = 2.0 cycle)
K
A0
D10
A1
A2
A3
D11 D12 D13 D30 D31 D32 D33
NOP
READ
WRITE
READ
WRITE
NOP
NOP
NOP
tKHIX
tIVKH
tKHIX
tIVKH
tKHAX
tAVKH
tKHDX
tDVKH
tKHDX
tDVKH
/K
/R
/W
Address
Data in
tKHKH
tKHKL
tKLKH
tKH/KH
t/KHKH
Data out
CQ
/CQ
Notes:
1.
Q00 refers to output from address A0+0. Q01 refers to output from the next internal burst address
following A0, i.e., A0+1.
2.
Outputs are disabled (high-Z) N clock cycle after the last read cycle. Here, N = Read Latency + Burst
Length
0.5.
3.
In this example, if address A2 = A1, then data Q20 = D10, Q21 = D11. Write data is forwarded
immediately as read results.
4.
To control read and write operations, /BW signals must operate at the same timing as Data-in signals.
1
2
3
4
5
6
7
8
9
QVLD
R10DS0161EJ0009


Similar Part No. - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
308Kb / 38P
36-Mbit QDRII SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
310Kb / 38P
36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
311Kb / 38P
36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
More results

Similar Description - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QAA3636CBG RENESAS-R1QAA3636CBG Datasheet
308Kb / 38P
36-Mbit QDRII SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG Datasheet
883Kb / 39P
72-Mbit QDRII SRAM 4-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB Datasheet
881Kb / 39P
72-Mbit QDRII SRAM 4-word Burst
R1Q5A3636B RENESAS-R1Q5A3636B Datasheet
334Kb / 25P
36-Mbit DDRII SRAM 4-word Burst
R1Q3A3636B RENESAS-R1Q3A3636B Datasheet
231Kb / 27P
36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA_15 Datasheet
860Kb / 30P
36-Mbit QDR??II SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB_15 Datasheet
307Kb / 38P
36-Mbit QDR?줚I SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB_15 Datasheet
307Kb / 38P
36-Mbit QDR?줚I SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com