Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QKA3618CBG Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # R1QKA3618CBG
Description  36-Mbit QDRII SRAM 4-word Burst
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QKA3618CBG Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button R1QKA3618CBG Datasheet HTML 19Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 20Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 21Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 22Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 23Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 24Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 25Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 26Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
PAGE : 23
Rev. 0.09a : 2011.09.14
R1QGA36**CB* / R1QKA36**CB* Series
hinS=00000.0000.0000.0111.0111---
00000.0000.0000.0111.0111-
--
00000.0000.0000.0000.0000---RL=2.0
/CQ high to
QVLD valid
K, /K high to
output low-Z
K, /K high to
output high-Z
CQ, /CQ high to
output hold
CQ, /CQ high to
output valid
K, /K high to
echo clock hold
K, /K high to
echo clock valid
K, /K high to
output hold
K, /K high to
output valid
Output Times
K static to
DLL/PLL reset
Lock time
(K)
Clock phase
jitter
(K, /K)
DLL/PLL Timing
/Clock to clock
(/K to K)
Clock to /clock
(K to /K)
Clock low time
(K, /K)
Clock high time
(K, /K)
Average clock
cycle time
(K, /K)
Clock
Parameter
AC Characteristics (Read Latency = 2.0 cycle)
(Ta =
0 ~ +70 C @ R1Q*A*****BG-**R** series)
(Ta = -40 ~ +85 C @ R1Q*A*****BG-**I** series)
(V
DD =1.8V
0.1V, V
DDQ = 1.5V, VREF = 0.75V)
t
QVLD
t
CHQX1
t
CHQZ
t
CQHQX
t
CQHQV
t
CHCQX
t
CHCQV
t
CHQX
t
CHQV
t
KC reset
t
KC lock
t
KC var
t
/KHKH
t
KH/KH
t
KLKH
t
KHKL
t
KHKH
Symbol
0.15
0.35
0.15
0.35
0.35
30
20
0.425
0.425
0.40
0.40
1.875
Min
-19
0.15
0.55
0.15
0.55
0.55
0.15
4.00
Max
0.15
0.35
0.15
0.35
0.35
30
20
0.425
0.425
0.40
0.40
2.00
Min
-20
0.15
0.55
0.15
0.55
0.55
0.15
4.00
Max
0.15
0.35
0.15
0.35
0.35
30
20
0.425
0.425
0.40
0.40
2.22
Min
-22
0.15
0.55
0.15
0.55
0.55
0.15
4.00
Max
0.20
0.35
0.20
0.35
0.35
30
20
0.425
0.425
0.40
0.40
2.50
Min
-25
0.20
0.55
0.20
0.55
0.55
0.20
4.00
Max
0.20
0.35
0.20
0.35
0.35
30
20
0.425
0.425
0.40
0.40
2.66
Min
-27
0.20
0.55
0.20
0.55
0.55
0.20
4.00
Max
0.20
0.35
0.20
0.35
0.35
30
20
0.425
0.425
0.40
0.40
3.00
Min
-30
0.20
0.55
0.20
0.55
0.55
0.20
4.00
Max
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
us
ns
Cy-
cle
Cy-
cle
Cy-
cle
Cy-
cle
ns
Unit
7
5
5, 6
4, 7
4, 7
7
2
3
Notes
R10DS0161EJ0009


Similar Part No. - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
308Kb / 38P
36-Mbit QDRII SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
310Kb / 38P
36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
311Kb / 38P
36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
More results

Similar Description - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QAA3636CBG RENESAS-R1QAA3636CBG Datasheet
308Kb / 38P
36-Mbit QDRII SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG Datasheet
883Kb / 39P
72-Mbit QDRII SRAM 4-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB Datasheet
881Kb / 39P
72-Mbit QDRII SRAM 4-word Burst
R1Q5A3636B RENESAS-R1Q5A3636B Datasheet
334Kb / 25P
36-Mbit DDRII SRAM 4-word Burst
R1Q3A3636B RENESAS-R1Q3A3636B Datasheet
231Kb / 27P
36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA_15 Datasheet
860Kb / 30P
36-Mbit QDR??II SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB_15 Datasheet
307Kb / 38P
36-Mbit QDR?줚I SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB_15 Datasheet
307Kb / 38P
36-Mbit QDR?줚I SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com