Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QKA3618CBG Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # R1QKA3618CBG
Description  36-Mbit QDRII SRAM 4-word Burst
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QKA3618CBG Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button R1QKA3618CBG Datasheet HTML 18Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 19Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 20Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 21Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 22Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 23Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 24Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 25Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
PAGE : 22
Rev. 0.09a : 2011.09.14
R1QGA36**CB* / R1QKA36**CB* Series
Common
V
V
Unit
AC Operating Conditions
Typ
V
REF – 0.2
Max
Notes:
1. All voltages referenced to V
SS (GND).
During normal operation, V
DDQ must not exceed VDD.
2. These conditions are for AC functions only, not for AC parameter test.
3. Overshoot: V
IH (AC)
V
DDQ + 0.5 V for t
t
KHKH/2
Undershoot: V
IL (AC)
0.5 V for t
t
KHKH/2
Control input signals may not have pulse widths less than t
KHKL (min) or operate at cycle rates
less than t
KHKH (min).
4. To maintain a valid level, the transitioning edge of the input must:
a. Sustain a constant slew rate from the current AC level through the target AC level,
V
IL (AC) or VIH (AC).
b. Reach at least the target AC level.
c.
After the AC target level is reached, continue to maintain at least the target DC level,
V
IL (DC) or VIH (DC).
1, 2, 3, 4
V
IL (AC)
Input low voltage
1, 2, 3, 4
V
REF + 0.2
V
IH (AC)
Input high voltage
Notes
Min
Symbol
Parameter
Output load conditions
Output load and voltage conditions
50
ZQ
Q
V
REF
250
Z
0 = 50
SRAM
V
DDQ / 2
= 0.75V
V
DDQ / 2
= 0.75V
V
DD
V
DDQ
V
SS
1.8V 0.1V
1.5V
R10DS0161EJ0009


Similar Part No. - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
More results

Similar Description - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QAA3636CBG RENESAS-R1QAA3636CBG Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG Datasheet
883Kb / 39P
   72-Mbit QDRII SRAM 4-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB Datasheet
881Kb / 39P
   72-Mbit QDRII SRAM 4-word Burst
R1Q5A3636B RENESAS-R1Q5A3636B Datasheet
334Kb / 25P
   36-Mbit DDRII SRAM 4-word Burst
R1Q3A3636B RENESAS-R1Q3A3636B Datasheet
231Kb / 27P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA_15 Datasheet
860Kb / 30P
   36-Mbit QDR??II SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com