Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QKA3618CBG Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R1QKA3618CBG
Description  36-Mbit QDRII SRAM 4-word Burst
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QKA3618CBG Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R1QKA3618CBG Datasheet HTML 17Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 18Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 19Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 20Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 21Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 22Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 23Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 24Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
PAGE : 21
Rev. 0.09a : 2011.09.14
R1QGA36**CB* / R1QKA36**CB* Series
Common
AC Test Conditions
Input waveform (Rise/fall time
0.3 ns)
1.25V
0.25V
0.75V
0.75V
Test points
Output waveform
V
DDQ/2
Test points
V
DDQ/2
pF
pF
pF
Unit
Capacitance
(Ta = +25 C, Frequency = 1.0MHz, V
DD =1.8V, VDDQ =1.5V)
5
4
4
Typ
6
5
5
Max
Notes:
1. These parameters are sampled and not 100% tested.
2. Except JTAG (TCK, TMS, TDI, TDO) pins.
V
I/O = 0 V
V
CLK = 0 V
V
IN = 0 V
Test condition
1, 2
C
CLK
Clock input capacitance (K, /K, C, /C)
1, 2
C
I/O
Output capacitance
(Q(separate), DQ(common), CQ, /CQ)
1, 2
C
IN
Input capacitance
(SA, /R, /W, /BW, D(separate))
Notes
Min
Symbol
Parameter
-4.4
11.0
Typ
EIA/JEDEC JESD51
Test condition
C/W
Unit
Thermal Resistance
1 m/s
Airflow
Notes:
1. These parameters are calculated under the condition. These are reference values.
2. Tj = Ta +
JA
Pd
Tj = Tc +
JC
Pd
where
Tj : junction temperature when the device has achieved a steady-state
after application of Pd ( C)
Ta : ambient temperature ( C)
Tc : temperature of external surface of the package or case ( C)
JA : thermal resistance from junction-to-ambient ( C/W)
JC : thermal resistance from junction-to-case (package) ( C/W)
Pd : power dissipation that produced change in junction temperature (W) (cf.JESD51-2A)
JC
Junction to Case
1
JA
Junction to Ambient
Notes
Symbol
Parameter
R10DS0161EJ0009


Similar Part No. - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
More results

Similar Description - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QAA3636CBG RENESAS-R1QAA3636CBG Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG Datasheet
883Kb / 39P
   72-Mbit QDRII SRAM 4-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB Datasheet
881Kb / 39P
   72-Mbit QDRII SRAM 4-word Burst
R1Q5A3636B RENESAS-R1Q5A3636B Datasheet
334Kb / 25P
   36-Mbit DDRII SRAM 4-word Burst
R1Q3A3636B RENESAS-R1Q3A3636B Datasheet
231Kb / 27P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA_15 Datasheet
860Kb / 30P
   36-Mbit QDR??II SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com