Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QKA3618CBG Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # R1QKA3618CBG
Description  36-Mbit QDRII SRAM 4-word Burst
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QKA3618CBG Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button R1QKA3618CBG Datasheet HTML 16Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 17Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 18Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 19Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 20Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 21Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 22Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 23Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
PAGE : 20
Rev. 0.09a : 2011.09.14
R1QGA36**CB* / R1QKA36**CB* Series
Common
Leakage Currents & Output Voltage
8, 9
|I
OH|
0.1 mA
V
V
DDQ
V
DDQ
0.2
V
OH
(Low)
Output high voltage
8, 9
Note 6
V
V
DDQ/2
0.12
V
DDQ/2
0.12
V
OH
V
DDQ/2
0.12
0.2
5
2
Max
V
V
A
A
Unit
Notes:
1.
All inputs (except ZQ, V
REF) are held at either VIH or VIL.
2.
I
OUT = 0 mA. VDD = VDD max, tKHKH = tKHKH min.
3.
Operating supply currents (I
DD) are measured at 100% bus utilization. IDD of QDR family is current of
device with 100% write and 100% read cycle. I
DD of DDR family is current of device with 100% write
cycle (if I
DD(Write) > IDD(Read)) or 100% read cycle (if IDD(Write) < IDD(Read)).
4.
All address / data inputs are static at either V
IN > VIH or VIN < VIL.
5.
Reference value. (Condition = NOP currents are valid when entering NOP after all pending READ and
WRITE cycles are completed. )
6.
Outputs are impedance-controlled. |I
OH| = (VDDQ/2)/(RQ/5) for values of 175
RQ
350
.
7.
Outputs are impedance-controlled. I
OL = (VDDQ/2)/(RQ/5) for values of 175
RQ
350
.
8.
AC load current is higher than the shown DC values. AC I/O curves are available upon request.
9.
HSTL outputs meet JEDEC HSTL Class I and Class II standards.
10. 0
V
IN
V
DDQ for all input balls (except VREF, ZQ, TCK, TMS, TDI ball).
If R1QD, R1QE, R1QF, R1QK, R1QL, R1QM, R1QP series, balls with ODT do not follow this spec.
11. 0
V
OUT
V
DDQ (except TDO ball), output disabled.
Note 7
I
OL
0.1 mA
Test condition
11
5
I
LO
Output leakage current
8, 9
V
SS
V
OL
(Low)
Output low voltage
8, 9
V
DDQ/2
0.12
V
OL
10
2
I
LI
Input leakage current
Notes
Min
Symbol
Parameter
R10DS0161EJ0009


Similar Part No. - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
More results

Similar Description - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QAA3636CBG RENESAS-R1QAA3636CBG Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG Datasheet
883Kb / 39P
   72-Mbit QDRII SRAM 4-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB Datasheet
881Kb / 39P
   72-Mbit QDRII SRAM 4-word Burst
R1Q5A3636B RENESAS-R1Q5A3636B Datasheet
334Kb / 25P
   36-Mbit DDRII SRAM 4-word Burst
R1Q3A3636B RENESAS-R1Q3A3636B Datasheet
231Kb / 27P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA_15 Datasheet
860Kb / 30P
   36-Mbit QDR??II SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com