Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QKA3618CBG Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # R1QKA3618CBG
Description  36-Mbit QDRII SRAM 4-word Burst
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QKA3618CBG Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button R1QKA3618CBG Datasheet HTML 14Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 15Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 16Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 17Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 18Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 19Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 20Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 21Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
PAGE : 18
Rev. 0.09a : 2011.09.14
R1QGA36**CB* / R1QKA36**CB* Series
hinS=00000.0000.0000.0000.0000---
11111.1111.1111.1111.1111---
00000.0000.0000.0000.0000---
036M
DC Characteristics
(Ta =
0 ~ +70 C @ R1Q*A*****BG-**R** series, Ta = -40 ~ +85 C @ R1Q*A*****BG-**I** series)
(V
DD =1.8V
0.1V, V
DDQ = 1.5V, VREF = 0.75V)
Operating Supply Current (Write / Read)
Symbol = I
DD.
Unit = mA. See Notes 1, 2 and 3 in the page after next.
Notes:
1. "yy" represents the speed bin. "R1QAA3636CBG-20" can operate at 500 MHz(max) of frequency, for example.
2. "v" represents the package size. If "v" = "G" then size is 15 x 17 mm, and if "v" = "A" then 13 x 15 mm.
533
500
450
400
375
333
333
300
250
200
1.875 2.00
2.22
2.50
2.66
3.00
3.00
3.30
4.00
5.00
yy
-19-20
-22-25
-27-30
-30
-33
-40-50
17
x18 R1Q A A36 18 C Bv- yy
1220 1160 1070
18
x36 R1Q A A36 36 C Bv- yy
1280 1220 1130
20
x18 R1Q B A36 18 C Bv- yy
1030
990
920
21
x36 R1Q B A36 36 C Bv- yy
1110 1060
990
23
x18 R1Q C A36 18 C Bv- yy
820
790
750
24
x36 R1Q C A36 36 C Bv- yy
880
850
800
26
x18 R1Q D A36 18 C Bv- yy
1220 1160 1070
27
x36 R1Q D A36 36 C Bv- yy
1280 1220 1130
29
x18 R1Q E A36 18 C Bv- yy
1030
990
920
30
x36 R1Q E A36 36 C Bv- yy
1110 1060
990
32
x18 R1Q F A36 18 C Bv- yy
820
790
750
33
x36 R1Q F A36 36 C Bv- yy
880
850
800
35
x18 R1Q G A36 18 C Bv- yy
1070
980
36
x36 R1Q G A36 36 C Bv- yy
1150 1060
38
x18 R1Q H A36 18 C Bv- yy
920
850
39
x36 R1Q H A36 36 C Bv- yy
990
910
41
x18 R1Q J A36 18 C Bv- yy
750
710
42
x36 R1Q J A36 36 C Bv- yy
800
760
44
x18 R1Q K A36 18 C Bv- yy
1070
980
45
x36 R1Q K A36 36 C Bv- yy
1150 1060
47
x18 R1Q L A36 18 C Bv- yy
920
850
48
x36 R1Q L A36 36 C Bv- yy
990
910
50
x18 R1Q M A36 18 C Bv- yy
750
710
51
x36 R1Q M A36 36 C Bv- yy
800
760
QDR II+ / DDR II+
QDR II / DDR II
Frequency (max)
(MHz)
Cycle Time (min)
(ns)
Part Number
B2
B4
B2
DDRII+
B4
QDRII+
QDRII+ B4
DDRII+
B2
B4
B4
DDRII+
QDRII+ B4
DDRII+
B2
B4
QDRII+ B4
No
R10DS0161EJ0009


Similar Part No. - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
308Kb / 38P
36-Mbit QDRII SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
310Kb / 38P
36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
311Kb / 38P
36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
More results

Similar Description - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QAA3636CBG RENESAS-R1QAA3636CBG Datasheet
308Kb / 38P
36-Mbit QDRII SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG Datasheet
883Kb / 39P
72-Mbit QDRII SRAM 4-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB Datasheet
881Kb / 39P
72-Mbit QDRII SRAM 4-word Burst
R1Q5A3636B RENESAS-R1Q5A3636B Datasheet
334Kb / 25P
36-Mbit DDRII SRAM 4-word Burst
R1Q3A3636B RENESAS-R1Q3A3636B Datasheet
231Kb / 27P
36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA_15 Datasheet
860Kb / 30P
36-Mbit QDR??II SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB_15 Datasheet
307Kb / 38P
36-Mbit QDR?줚I SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB_15 Datasheet
307Kb / 38P
36-Mbit QDR?줚I SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com