Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QKA3618CBG Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R1QKA3618CBG
Description  36-Mbit QDRII SRAM 4-word Burst
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QKA3618CBG Datasheet(HTML) 1 Page - Renesas Technology Corp

  R1QKA3618CBG Datasheet HTML 1Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 2Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 3Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 4Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 5Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 6Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 7Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 8Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
PAGE : 1
Rev. 0.09a : 2011.09.14
Rev. 0.09a
2011.09.14
R1QGA36**CB* / R1QKA36**CB* Series
Description
The R1Q#A3636 is a 1,048,576-word by 36-bit and the R1Q#A3618 is a 2,097,152-word by 18-bit synchronous
quad data rate static RAM fabricated with advanced CMOS technology using full CMOS six-transistor memory
cell. It integrates unique synchronous peripheral circuitry and a burst counter. All input registers are controlled
by an input clock pair (K and /K) and are latched on the positive edge of K and /K. These products are suitable
for applications which require synchronous operation, high speed, low voltage, high density and wide bit
configuration. These products are packaged in 165-pin plastic FBGA package.
# = A: Read Latency =2.5, w/o ODT
# = G: Read Latency =2.0, w/o ODT
# = D: Read Latency =2.5, w/ ODT
# = K: Read Latency =2.0, w/ ODT
hinT=00000.0000.0000.0000.0000---
00000.0000.0000.1100.1100---
00000.0000.0000.0000.0000---
QDRII+_RL20
Features
Power Supply
• 1.8 V for core (V
DD), 1.4 V to VDD for I/O (VDDQ)
Clock
• Fast clock cycle time for high bandwidth
• Two input clocks (K and /K) for precise DDR timing at clock rising edges only
• Two output echo clocks (CQ and /CQ) simplify data capture in high-speed systems
• Clock-stop capability with s restart
I/O
• Separate independent read and write data ports with concurrent transactions
• 100% bus utilization DDR read and write operation
• HSTL I/O
• User programmable output impedance
• DLL/PLL circuitry for wide output data valid window and future frequency scaling
• Data valid pin (QVLD) to indicate valid data on the output
Function
• Four-tick burst for reduced address frequency
• Internally self-timed write control
• Simple control logic for easy depth expansion
• JTAG 1149.1 compatible test access port
Package
• 165 FBGA package (15 x 17 x 1.4 mm)
36-Mbit QDR™II+ SRAM
4-word Burst
R1QAA3636CBG / R1QAA3618CBG / R1QAA3609CBG
R1QDA3636CBG / R1QDA3618CBG / R1QDA3609CBG
R1QGA3636CBG / R1QGA3618CBG / R1QGA3609CBG
R1QKA3636CBG / R1QKA3618CBG / R1QKA3609CBG
Notes: 1. QDR RAMs and Quad Data Rate RAMs comprise a new family of products developed by Cypress
Semiconductor, IDT, Samsung, and Renesas Electronics Corp. (QDR Co-Development Team)
2. The specifications of this device are subject to change without notice. Please contact your nearest
Renesas Electronics Sales Office regarding specifications.
3. Refer to
"http://www.renesas.com/products/memory/fast_sram/qdr_sram/qdr_sram_root.jsp"
for the latest and detailed information.
4. Descriptions about x9 parts in this datasheet are just for reference.
R10DS0161EJ0009
R10DS0161EJ0009


Similar Part No. - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
More results

Similar Description - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QAA3636CBG RENESAS-R1QAA3636CBG Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG Datasheet
883Kb / 39P
   72-Mbit QDRII SRAM 4-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB Datasheet
881Kb / 39P
   72-Mbit QDRII SRAM 4-word Burst
R1Q5A3636B RENESAS-R1Q5A3636B Datasheet
334Kb / 25P
   36-Mbit DDRII SRAM 4-word Burst
R1Q3A3636B RENESAS-R1Q3A3636B Datasheet
231Kb / 27P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA_15 Datasheet
860Kb / 30P
   36-Mbit QDR??II SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com