Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QKA3618CBG Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # R1QKA3618CBG
Description  36-Mbit QDRII SRAM 4-word Burst
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QKA3618CBG Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button R1QKA3618CBG Datasheet HTML 30Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 31Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 32Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 33Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 34Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 35Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 36Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 37Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 38Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
PAGE : 35
Rev. 0.09a : 2011.09.14
R1QGA36**CB* / R1QKA36**CB* Series
Package Dimensions and Marking Information
Both Pb parts and Pb-free parts are available.
hinS=11111.1111.1111.1111.1111---
11111.1111.1111.1111.1111---
00000.0000.0000.0000.0000---72M_36M
0.6 g
Mass (typ.)
165FHE
Previous Code
PLBG0165FD-A
P-LBGA165-15x17-1.00
Renesas Code
JEITA Package Code
Max
Nom
Min
-
1.5
-
ZE
-
2.5
-
ZD
0.15
-
-
y
0.55
0.5
0.45
b
-
1.0
-
[e]
0.37
0.32
0.27
A1
1.4
-
-
A
17.1
17.0
16.9
E
15.1
15.0
14.9
D
0.2
-
-
x
Dimension in mm
Reference
Symbol
S
y
-
AB
S
Øx(M)
-
Top View
Side View
Bottom View
Marking Information
1st row : Vender name (RENESAS)
2nd row: Part number
3rd row : Y
: Year code
WW
: Week code
XXXX
: Renesas
internal use
4th row : Country name (JAPAN)
+ "None" --- Pb-free parts
+ "PB-F" --- Pb-free parts
S
A1
A
ZE
ZD
1
2
3
4
5
6
7
8
9 10 11
[e]
[e]
Øb
Index Mark
A
D
Index Mark
(Laser Mark)
B
E
This part
number or
mark is just
one example.
R10DS0161EJ0009


Similar Part No. - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
308Kb / 38P
36-Mbit QDRII SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
310Kb / 38P
36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
311Kb / 38P
36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
More results

Similar Description - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QAA3636CBG RENESAS-R1QAA3636CBG Datasheet
308Kb / 38P
36-Mbit QDRII SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG Datasheet
883Kb / 39P
72-Mbit QDRII SRAM 4-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB Datasheet
881Kb / 39P
72-Mbit QDRII SRAM 4-word Burst
R1Q5A3636B RENESAS-R1Q5A3636B Datasheet
334Kb / 25P
36-Mbit DDRII SRAM 4-word Burst
R1Q3A3636B RENESAS-R1Q3A3636B Datasheet
231Kb / 27P
36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA_15 Datasheet
860Kb / 30P
36-Mbit QDR??II SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB_15 Datasheet
307Kb / 38P
36-Mbit QDR?줚I SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB_15 Datasheet
307Kb / 38P
36-Mbit QDR?줚I SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com