Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QKA3618CBG Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # R1QKA3618CBG
Description  36-Mbit QDRII SRAM 4-word Burst
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QKA3618CBG Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button R1QKA3618CBG Datasheet HTML 29Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 30Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 31Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 32Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 33Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 34Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 35Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 36Page - Renesas Technology Corp R1QKA3618CBG Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
PAGE : 33
Rev. 0.09a : 2011.09.14
R1QGA36**CB* / R1QKA36**CB* Series
---
Notes:
In boundary scan mode,
1. Clock balls (K, /K, C, /C) are referenced to each other and must be at opposite logic levels for
reliable operation.
2. CQ and /CQ data are synchronized to the respective C and /C (except EXTEST, SAMPLE-Z).
3. If C and /C tied high, CQ is generated with respect to K and /CQ is generated with respect to /K
(except EXTEST, SAMPLE-Z).
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
Bit #
Boundary Scan Order
1K
2K
3J
3K
2J
1J
1H
2G
3G
1F
1G
3F
2F
1E
2E
2D
3E
2C
1D
3C
Ball ID
NC
NC
NC
NC
NC
NC
/DOFF
D6
Q6
NC
NC
NC
NC
NC
NC
D5
Q5
NC
NC
NC
x9
Signal names
NC
NC
D14
Q14
NC
NC
/DOFF
D13
Q13
NC
NC
D12
Q12
NC
NC
D11
Q11
NC
NC
D10
x18
Q32
D32
D23
Q23
Q31
D31
/DOFF
D22
Q22
Q30
D30
D21
Q21
Q29
D29
D20
Q20
Q28
D28
D19
x36
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
Bit #
5R
5N
5P
4P
4R
3R
1P
2P
2N
3P
2M
1N
3M
3N
1L
1M
3L
2L
Ball ID
INTER-
NAL
SA
SA
SA
SA
SA
SA
NC
NC
D8
Q8
NC
NC
NC
NC
NC
NC
D7
Q7
x9
Signal names
INTER-
NAL
SA
SA
SA
SA
SA
SA
NC
NC
D17
Q17
NC
NC
D16
Q16
NC
NC
D15
Q15
x18
INTER-
NAL
SA
SA
SA
SA
SA
SA
Q35
D35
D26
Q26
Q34
D34
D25
Q25
Q33
D33
D24
Q24
x36
R10DS0161EJ0009


Similar Part No. - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
308Kb / 38P
36-Mbit QDRII SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
310Kb / 38P
36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
311Kb / 38P
36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
More results

Similar Description - R1QKA3618CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q3A3636B RENESAS-R1Q3A3636B Datasheet
231Kb / 27P
36-Mbit QDR?줚I SRAM 4-word Burst
R1Q5A3636B RENESAS-R1Q5A3636B Datasheet
334Kb / 25P
36-Mbit DDRII SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
R1QAA3636CBG RENESAS-R1QAA3636CBG Datasheet
308Kb / 38P
36-Mbit QDRII SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB Datasheet
307Kb / 38P
36-Mbit QDR II SRAM 4-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB Datasheet
881Kb / 39P
72-Mbit QDRII SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG Datasheet
883Kb / 39P
72-Mbit QDRII SRAM 4-word Burst
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA_15 Datasheet
860Kb / 30P
36-Mbit QDR??II SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB_15 Datasheet
307Kb / 38P
36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB_15 Datasheet
307Kb / 38P
36-Mbit QDR?줚I SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com