Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN82527F8 Datasheet(PDF) 7 Page - Intel Corporation

Part # AN82527F8
Description  SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AN82527F8 Datasheet(HTML) 7 Page - Intel Corporation

Back Button AN82527F8 Datasheet HTML 3Page - Intel Corporation AN82527F8 Datasheet HTML 4Page - Intel Corporation AN82527F8 Datasheet HTML 5Page - Intel Corporation AN82527F8 Datasheet HTML 6Page - Intel Corporation AN82527F8 Datasheet HTML 7Page - Intel Corporation AN82527F8 Datasheet HTML 8Page - Intel Corporation AN82527F8 Datasheet HTML 9Page - Intel Corporation AN82527F8 Datasheet HTML 10Page - Intel Corporation AN82527F8 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
82527
DC Characteristics VCC e 5V g10% TA eb40 Cto a125 C
Symbol
Parameter
Min
Max
Conditions
ICC
Supply Current(1)
50 mA
fXTAL e 16 MHz
ISLEEP
Sleep Current(1)
with VCC 2 Output Enabled No Load
700 mA
with VCC 2 Output Disabled
100 mA
IPD
Powerdown Current(1)
25 mA
XTAL1 Clocked
NOTES
Typical value based on characterization data
Port pins are weakly held after reset until the port configuration registers are written (9FH AFH)
1 All pins are driven to VSS or VCC including RX0 and RX1
PHYSICAL LAYER SPECIFICATIONS Load Condition 100 pF
DC Characteristics VCC e 5V g10% TA eb40 Cto a125 C
RX0RX1 and TX0TX1
Min
Max
Conditions
Input Voltage
b
05V
VCC a 05V
Common Mode Range
VSS a 1V
VCC b 1V
Differential Input Threshold
g
100 mV
Internal Delay 1 Sum of the Comparator Input
60 ns
Load on TX0 TX1 e
Delay and the TX0TX1 Output Driver Delay
100 pF a100 mV to
b
100 mV RX0RX1
differential
Internal Delay 2 Sum of the RX0 Pin Delay (if
50 ns
Load on TX0 TX1 e
the Comparator is Bypassed) and the TX0TX1
100 pF
Output Driver Delay
Source Current on Each TX0 TX1
b
10 mA
VOUT e VCC b 10V
Sink Current on Each TX0 TX1
10 mA
VOUT e 10V
Input Hysteresis for RX0RX1
0V
VCC 2
VCC 2
238V
262V
IOUT s 75 mA VCC e 5V
CLOCKOUT SPECIFICATIONS
Load Condition 50 pF
Parameter
Min
Max
CLOCKOUT Frequency
XTAL15
XTAL
7


Similar Part No. - AN82527F8

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
AN82527F8 INNOVASIC-AN82527F8 Datasheet
1Mb / 58P
   Serial Communications Controller?봀AN Protocol
More results

Similar Description - AN82527F8

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82527 INTEL-82527 Datasheet
239Kb / 22P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
Rochester Electronics
82527 ROCHESTER-82527 Datasheet
1Mb / 23P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
InnovASIC, Inc
IA82527 INNOVASIC-IA82527_13 Datasheet
1Mb / 58P
   Serial Communications Controller?봀AN Protocol
PPMC750-1251 INNOVASIC-PPMC750-1251 Datasheet
1Mb / 58P
   Serial Communications Controller - CAN Protocol
IA82527 INNOVASIC-IA82527 Datasheet
1Mb / 45P
   Serial Communications Controller CAN Protocol
logo
OKI electronic componet...
MSM9225B OKI-MSM9225B Datasheet
116Kb / 16P
   CAN (Controller Area Network) Controller
MSM9225 OKI-MSM9225 Datasheet
488Kb / 74P
   CAN (Controller Area Network) Controller
logo
NXP Semiconductors
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
SCN2652 PHILIPS-SCN2652 Datasheet
651Kb / 28P
   Multi-protocol communications controller (MPCC)
1995 May 01
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
   Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com