Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN82527F8 Datasheet(PDF) 4 Page - Intel Corporation

Part # AN82527F8
Description  SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AN82527F8 Datasheet(HTML) 4 Page - Intel Corporation

  AN82527F8 Datasheet HTML 1Page - Intel Corporation AN82527F8 Datasheet HTML 2Page - Intel Corporation AN82527F8 Datasheet HTML 3Page - Intel Corporation AN82527F8 Datasheet HTML 4Page - Intel Corporation AN82527F8 Datasheet HTML 5Page - Intel Corporation AN82527F8 Datasheet HTML 6Page - Intel Corporation AN82527F8 Datasheet HTML 7Page - Intel Corporation AN82527F8 Datasheet HTML 8Page - Intel Corporation AN82527F8 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
82527
PIN DESCRIPTION
The 82527 pins are described in this section Table 1 presents the legend for interpreting the pin types
Table 1 Pin Type Legend
Symbol
Description
I
Input only pin
O
Output only pin
IO
Pin can be either input or output
PIN DESCRIPTIONS
Pin Name
Pin Type
Pin Description
VSS1
Ground
GROUND connection must be connected externally to a VSS board plane
Provides digital ground
VSS2
Ground
GROUND connection must be connected externally to a VSS board plane
Provides ground for analog comparator
VCC
Power
POWER connection must be connected externally to a5V DC Provides power
for entire device
XTAL1
I
Input for an external clock XTAL1 (along with XTAL2) are the crystal
connections to an internal oscillator
XTAL2
O
Push-pull output from the internal oscillator XTAL2 (along with XTAL1) are the
crystal connections to an internal oscillator If an external oscillator is used
XTAL2 must be floated or not be connected XTAL2 must not be used as a
clock output to drive other CPUs
CLKOUT
O
Programmable clock output This output may be used to drive the oscillator of
the host microcontroller
RESET
I
Warm Reset (VCC remains valid while RESET
is asserted) RESET
must be
driven to a valid low level for 1 ms minimum
Cold Reset (VCC is driven to a valid level while RESET
is asserted) RESET
must be driven low for 1 ms minimum measured from a valid VCC level No
falling edge on the reset pin is required during a cold reset event
CS
I
A low level on this pin enables CPU access to the 82527 device
INT
O
The interrupt pin is an open-drain output to the host microcontroller VCC 2 is
the power supply for the ISO low speed physical layer The function of this pin is
(VCC 2)
O
determined by the MUX bit in the CPU Interface Register (Address 02H) as
follows
MUX e 1 pin 24 (PLCC) e VCC 2 pin 11 e INT
MUX e 0 pin 24 (PLCC) e INT
RX0
I
Inputs from the CAN bus line(s) to the input comparator A recessive level is
read when RX0 l RX1 A dominant level is read when RX1 l RX0 When the
RX1
I
CoBy bit (Bus Configuration register) is programmed as a ‘‘1’’ the input
comparator is bypassed and RX0 is the CAN bus line input
TX0
O
Serial data push-pull output to the CAN bus line During a recessive bit TX0 is
high and TX1 is low During a dominant bit TX0 is low and TX1 is high
TX1
O
4


Similar Part No. - AN82527F8

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
AN82527F8 INNOVASIC-AN82527F8 Datasheet
1Mb / 58P
   Serial Communications Controller?봀AN Protocol
More results

Similar Description - AN82527F8

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82527 INTEL-82527 Datasheet
239Kb / 22P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
Rochester Electronics
82527 ROCHESTER-82527 Datasheet
1Mb / 23P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
InnovASIC, Inc
IA82527 INNOVASIC-IA82527_13 Datasheet
1Mb / 58P
   Serial Communications Controller?봀AN Protocol
PPMC750-1251 INNOVASIC-PPMC750-1251 Datasheet
1Mb / 58P
   Serial Communications Controller - CAN Protocol
IA82527 INNOVASIC-IA82527 Datasheet
1Mb / 45P
   Serial Communications Controller CAN Protocol
logo
OKI electronic componet...
MSM9225B OKI-MSM9225B Datasheet
116Kb / 16P
   CAN (Controller Area Network) Controller
MSM9225 OKI-MSM9225 Datasheet
488Kb / 74P
   CAN (Controller Area Network) Controller
logo
NXP Semiconductors
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
SCN2652 PHILIPS-SCN2652 Datasheet
651Kb / 28P
   Multi-protocol communications controller (MPCC)
1995 May 01
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
   Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com