Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN82527F8 Datasheet(PDF) 19 Page - Intel Corporation

Part # AN82527F8
Description  SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AN82527F8 Datasheet(HTML) 19 Page - Intel Corporation

Back Button AN82527F8 Datasheet HTML 14Page - Intel Corporation AN82527F8 Datasheet HTML 15Page - Intel Corporation AN82527F8 Datasheet HTML 16Page - Intel Corporation AN82527F8 Datasheet HTML 17Page - Intel Corporation AN82527F8 Datasheet HTML 18Page - Intel Corporation AN82527F8 Datasheet HTML 19Page - Intel Corporation AN82527F8 Datasheet HTML 20Page - Intel Corporation AN82527F8 Datasheet HTML 21Page - Intel Corporation AN82527F8 Datasheet HTML 22Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
82527
3 Removed XTAL1 and XTAL2 from the excep-
tions for VIL spec XTAL1 VIL is now specified at
min eb05V max e 08V XTAL2 is an output
4 Removed XTAL1 and XTAL2 from the excep-
tions for VIH spec XTAL1 VIH is now specified at
min e 30V max e VCC a 05V XTAL2 is an
output
5 Source and Sink current for TX0 and TX1 were
corrected from minimum values to maximum val-
ues
6 Mode 2 The tAVSL specification was decreased
to 75 ns from 33 ns
7 Mode 2 The tSLAX specification was decreased
to 10 ns from 20 ns
8 Mode 3 Asynchronous The tDVCH specification
was decreased to 20 ns from 32 ns
9 All modes Two specifications were added for
CLKOUT
These
specifications
are
tCOPD
(CLKOUT Period) e (CDV a 1) tOSC and tCHCL
(CLKOUT High Period) e min (CDv a 1)
tOSC b 10 ns and max (CDV a 1)
tOSC a
15 ns NOTE CDV represented the value loaded
in the lower nibble of the CLKOUT Register
(1FH)
10 Serial Interface Mode The maximum SCLK (SPI
Clock) rate was increased to 8 MHz from 42
MHz The minimum tCYC (1SCLK) was set at
125 ns from 238 ns to reflect the increased max-
imum SPI clock rate
11 MODE01 the tWHQX Specifications was de-
creased to 10 ns from 125 ns
This is the -004 revision of the 82527 data sheet
The following differences exist between the -003
version and the -004 revision
1 Remove notice on page 1 concerning Advance
Information Data Sheet
2 Page 4 AS pin description add ‘‘pin tied high in
Asycnhronous mode 3’’
3 Page 4 E pin description add ‘‘pin tied high in
mode 3’’
4 Page 5 add VIH e 07 VCC and VIL e 03 VCC
for LSIO port pins (pins not used to interface to
host-CPU)
5 Page 6 change Differential Input Threshold
from MAX spec to MIN spec
6 Page 6 add Input Hysteresis spec for RX0RX1
e
0V maximum
7 Page 7 tLLAX decreased from 20 ns to 10 ns (to
interface to 20 MHz C196)
8 Page 7 tQVWH decreased from 30 ns to 27 ns
(to interface to 20 MHz C196)
9 Page 7 tWLWH decreased from 40 ns to 30 ns
(to interface to 20 MHz C196)
10 Page 7 tRLDV increased from 45 ns to 55 ns
11 Page 12 tCHKH specification added for VIH e
28V e 150 ns
12 Page 12 tCHAI decreased from 10 ns to 7 ns
13 Page 13 timing diagram for tAVCL revised to
show common CL low level
14 Page 14 tCHAI decreased from 10 ns to 7 ns
19


Similar Part No. - AN82527F8

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
AN82527F8 INNOVASIC-AN82527F8 Datasheet
1Mb / 58P
Serial Communications Controller?봀AN Protocol
More results

Similar Description - AN82527F8

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82527 INTEL-82527 Datasheet
239Kb / 22P
SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
Rochester Electronics
82527 ROCHESTER-82527 Datasheet
1Mb / 23P
SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
InnovASIC, Inc
IA82527 INNOVASIC-IA82527_13 Datasheet
1Mb / 58P
Serial Communications Controller?봀AN Protocol
PPMC750-1251 INNOVASIC-PPMC750-1251 Datasheet
1Mb / 58P
Serial Communications Controller - CAN Protocol
IA82527 INNOVASIC-IA82527 Datasheet
1Mb / 45P
Serial Communications Controller CAN Protocol
logo
OKI electronic componet...
MSM9225B OKI-MSM9225B Datasheet
116Kb / 16P
CAN (Controller Area Network) Controller
MSM9225 OKI-MSM9225 Datasheet
488Kb / 74P
CAN (Controller Area Network) Controller
logo
NXP Semiconductors
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
Multi-protocol communications controller MPCC
1995 May 01
SCN2652 PHILIPS-SCN2652 Datasheet
651Kb / 28P
Multi-protocol communications controller (MPCC)
1995 May 01
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com