Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN82527F8 Datasheet(PDF) 17 Page - Intel Corporation

Part # AN82527F8
Description  SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AN82527F8 Datasheet(HTML) 17 Page - Intel Corporation

Back Button AN82527F8 Datasheet HTML 13Page - Intel Corporation AN82527F8 Datasheet HTML 14Page - Intel Corporation AN82527F8 Datasheet HTML 15Page - Intel Corporation AN82527F8 Datasheet HTML 16Page - Intel Corporation AN82527F8 Datasheet HTML 17Page - Intel Corporation AN82527F8 Datasheet HTML 18Page - Intel Corporation AN82527F8 Datasheet HTML 19Page - Intel Corporation AN82527F8 Datasheet HTML 20Page - Intel Corporation AN82527F8 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
82527
AC Characteristics for Serial Interface Mode
Conditions VCC e 5V g10% VSS e 0V TA eb40 Cto a125 C CL e 100 pF
Symbol
Parameter
Min
Max
SCLK
SPI Clock
05 MHz
8 MHz
tCYC
1SCLK
125 ns
2000 ns
tSKHI
Minimum Clock High Time
84 ns
tSKLO
Minimum Clock Low Time
84 ns
tLEAD
ENABLE Lead Time
70 ns
tLAG
Enable Lag Time
109 ns
tACC
Access Time
60 ns
tPDO
Maximum Data Out Delay Time
59 ns
tHO
Minimum Data Out Hold Time
0 ns
tDIS
Maximum Data Out Disable Time
665 ns
tSETUP
Minimum Data Setup Time
35 ns
tHOLD
Minimum Data Hold Time
84 ns
tRISE
Maximum Time for Input to go
100 ns
from VOL to VOH
tFALL
Maximum Time for Input to go
100 ns
from VOH to VOL
tCS
Minimum Time between
670 ns
Consecutive CS
Assertions
tCOPD
CLKOUT Period
(CDV a 1) tOSC(1)
tCHCL
CLKOUT High Period
(CDV a 1)
tOSC b 10
(CDV a 1)
tOSC a 15
NOTE
1 Definition of CDV is the value loaded in the CLKOUT register representing the CLKOUT divisor
17


Similar Part No. - AN82527F8

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
AN82527F8 INNOVASIC-AN82527F8 Datasheet
1Mb / 58P
   Serial Communications Controller?봀AN Protocol
More results

Similar Description - AN82527F8

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82527 INTEL-82527 Datasheet
239Kb / 22P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
Rochester Electronics
82527 ROCHESTER-82527 Datasheet
1Mb / 23P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
InnovASIC, Inc
IA82527 INNOVASIC-IA82527_13 Datasheet
1Mb / 58P
   Serial Communications Controller?봀AN Protocol
PPMC750-1251 INNOVASIC-PPMC750-1251 Datasheet
1Mb / 58P
   Serial Communications Controller - CAN Protocol
IA82527 INNOVASIC-IA82527 Datasheet
1Mb / 45P
   Serial Communications Controller CAN Protocol
logo
OKI electronic componet...
MSM9225B OKI-MSM9225B Datasheet
116Kb / 16P
   CAN (Controller Area Network) Controller
MSM9225 OKI-MSM9225 Datasheet
488Kb / 74P
   CAN (Controller Area Network) Controller
logo
NXP Semiconductors
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
SCN2652 PHILIPS-SCN2652 Datasheet
651Kb / 28P
   Multi-protocol communications controller (MPCC)
1995 May 01
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
   Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com