Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN82527F8 Datasheet(PDF) 11 Page - Intel Corporation

Part # AN82527F8
Description  SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AN82527F8 Datasheet(HTML) 11 Page - Intel Corporation

Back Button AN82527F8 Datasheet HTML 7Page - Intel Corporation AN82527F8 Datasheet HTML 8Page - Intel Corporation AN82527F8 Datasheet HTML 9Page - Intel Corporation AN82527F8 Datasheet HTML 10Page - Intel Corporation AN82527F8 Datasheet HTML 11Page - Intel Corporation AN82527F8 Datasheet HTML 12Page - Intel Corporation AN82527F8 Datasheet HTML 13Page - Intel Corporation AN82527F8 Datasheet HTML 14Page - Intel Corporation AN82527F8 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
82527
AC Characteristics for 8-Bit Multiplexed Non-Intel Mode (Mode 2)
Conditions VCC e 5V g10% VSS e 0V TA eb40 Cto a125 C CL e 100 pF
Symbol
Parameter
Min
Max
1tXTAL Oscillator Frequency
8 MHz
16 MHz
1tSCLK System Clock Frequency
4 MHz
10 MHz
1tMCLK Memory Clock Frequency
2 MHz
8 MHz
tAVSL
Address Valid to AS Low
75 ns
tSLAX
Address Hold after AS Low
10 ns
tELDZ
Data Float after E Low
0 ns
45 ns
tEHDV
E High to Data Valid for Registers 02H
0 ns
45 ns
04H 05H
for Read Cycle without a Previous Write(1)
15 tMCLK a 100 ns
for Read Cycle with a Previous Write
35 tMCLK a 100 ns
(for Registers except for 02H 04H 05H)
tQVEL
Data Setup to E Low
30 ns
tELQX
Input Data Hold after E Low
20 ns
tELDV
E Low to Output Data Valid on Port 12
tMCLK
2tMCLK a 500 ns
tEHEL
E High Time
45 ns
tELEL
End of Previous Write (Last E Low) to E
2 tMCLK
Low for a Write Cycle
tSHSL
AS High Time
30 ns
tRSEH
Setup Time of RW
to E High
30 ns
tSLEH
AS Low to E High
20 ns
tCLSL
CS
Low to AS Low
20 ns
tELCH
E Low to CS
High
0 ns
tCOPD
CLKOUT Period
(CDV a 1) tOSC(3)
tCHCL
CLKOUT High Period
(CDV a 1)
tOSC b 10 (CDV a 1)
tOSC a 15
NOTES
1 Definition of ‘‘Read Cycle without a Previous Write’’ The time between the falling edge of E (for the previous write cycle)
and the rising edge of E (for the current read cycle) is greater than 2 tMCLK
2 Definition of ‘‘Write Cycle with a Previous Write’’ The time between the falling edge of E (for the previous write cycle) and
the falling edge of E (for the current write cycle) is less than 2 tMCLK
3 Definition of CDV is the value loaded in the CLKOUT register representing the CLKOUT divisor
11


Similar Part No. - AN82527F8

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
AN82527F8 INNOVASIC-AN82527F8 Datasheet
1Mb / 58P
Serial Communications Controller?봀AN Protocol
More results

Similar Description - AN82527F8

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9225 OKI-MSM9225 Datasheet
488Kb / 74P
CAN (Controller Area Network) Controller
logo
NXP Semiconductors
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
Multi-protocol communications controller MPCC
1995 May 01
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
Serial Communications Controller
logo
Intel Corporation
82527 INTEL-82527 Datasheet
239Kb / 22P
SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
NXP Semiconductors
SCN2652 PHILIPS-SCN2652 Datasheet
651Kb / 28P
Multi-protocol communications controller (MPCC)
1995 May 01
logo
OKI electronic componet...
MSM9225B OKI-MSM9225B Datasheet
116Kb / 16P
CAN (Controller Area Network) Controller
logo
InnovASIC, Inc
IA82527 INNOVASIC-IA82527 Datasheet
1Mb / 45P
Serial Communications Controller CAN Protocol
logo
Rochester Electronics
82527 ROCHESTER-82527 Datasheet
1Mb / 23P
SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
InnovASIC, Inc
IA82527 INNOVASIC-IA82527_13 Datasheet
1Mb / 58P
Serial Communications Controller?봀AN Protocol
PPMC750-1251 INNOVASIC-PPMC750-1251 Datasheet
1Mb / 58P
Serial Communications Controller - CAN Protocol
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com