Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37C78-HT Datasheet(PDF) 15 Page - Microchip Technology

Part # FDC37C78-HT
Description  Floppy Disk Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78-HT Datasheet(HTML) 15 Page - Microchip Technology

Back Button FDC37C78-HT Datasheet HTML 11Page - Microchip Technology FDC37C78-HT Datasheet HTML 12Page - Microchip Technology FDC37C78-HT Datasheet HTML 13Page - Microchip Technology FDC37C78-HT Datasheet HTML 14Page - Microchip Technology FDC37C78-HT Datasheet HTML 15Page - Microchip Technology FDC37C78-HT Datasheet HTML 16Page - Microchip Technology FDC37C78-HT Datasheet HTML 17Page - Microchip Technology FDC37C78-HT Datasheet HTML 18Page - Microchip Technology FDC37C78-HT Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 82 page
background image
15
Normal Floppy Mode
Normal mode.
Register 3F3 contains only bits 0 and 1. When this register is read, bits 2 - 7 are a high
impedance.
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
REG 3F3
Tri-state
Tri-state
Tri-state
Tri-state
Tri-state
Tri-state
tape sel1
tape sel0
Enhanced Floppy Mode 2 (OS2)
Register 3F3 for Enhanced Floppy Mode 2 operation.
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
REG 3F3
Media
ID1
Media
ID0
Drive Type ID
Floppy Boot Drive
tape sel1
tape sel0
For this mode, DRATE0 and DRATE1 pins are
inputs, and these inputs are gated into bits 6 and 7
of the 3F3 register.
These two bits are not
affected by a hard or soft reset.
BIT 7 Media ID 1; Read Only (See Table 9a)
BIT 6 Media ID 0; Read Only (See Table 9b)
BITS 5 and 4 Drive Type ID - These Bits reflect
two of the bits of configuration register 6; which
two bits depends on the last drive selected in the
Digital Output Register (3F2). (See Table 11)
BITS 3
and 2
Floppy Boot Drive - These bits
reflect the value of configuration register 7 bits 1,
0. Bit 3 = CR7 Bit DB1. Bit 2 = CR7 Bit DB0.
Bits 1 and 0 - Tape Drive Select (READ/WRITE).
Same as in Normal and Enhanced Floppy Mode.
1.
Table 9a
Media ID1
Pin 26
Bit 7
CR7-DB3=0
CR7-DB3=1
0
0
1
1
1
0
Table 9b
Media ID0
Pin 25
Bit 6
CR7-DB2=0
CR7-DB2=1
0
0
1
1
1
0
Table 9c - Drive Type ID
Digital Output Register
Register 3F3 - Drive Type ID
Bit 1
Bit 0
Bit 5
Bit 4
0
0
CR6 - Bit 1
CR6 - Bit 0
0
1
CR6 - Bit 3
CR6 - Bit 2
1
0
CR6 - Bit 5
CR6 - Bit 4
1
1
CR6 - Bit 7
CR6 - Bit 6


Similar Part No. - FDC37C78-HT

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
Floppy Disk Controller
FDC37C78 SMSC-FDC37C78 Datasheet
347Kb / 82P
Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
Floppy Disk Controller
More results

Similar Description - FDC37C78-HT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
USB Floppy Disk Controller
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
FLOPPY DISK SUBSYSTEM CONTROLLER
logo
SMSC Corporation
97CFDC SMSC-97CFDC Datasheet
143Kb / 20P
USB FLOPPY DISK CONTROLLER
logo
NEC
UPD72069 NEC-UPD72069 Datasheet
1Mb / 23P
UPD72069 Floppy-Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com