Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37C78-HT Datasheet(PDF) 68 Page - Microchip Technology

Part # FDC37C78-HT
Description  Floppy Disk Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78-HT Datasheet(HTML) 68 Page - Microchip Technology

Back Button FDC37C78-HT Datasheet HTML 64Page - Microchip Technology FDC37C78-HT Datasheet HTML 65Page - Microchip Technology FDC37C78-HT Datasheet HTML 66Page - Microchip Technology FDC37C78-HT Datasheet HTML 67Page - Microchip Technology FDC37C78-HT Datasheet HTML 68Page - Microchip Technology FDC37C78-HT Datasheet HTML 69Page - Microchip Technology FDC37C78-HT Datasheet HTML 70Page - Microchip Technology FDC37C78-HT Datasheet HTML 71Page - Microchip Technology FDC37C78-HT Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 82 page
background image
68
Table 40 - CR07
BIT NO.
BIT NAME
DESCRIPTION
0,1
Floppy Boot
This bit is used to define the boot floppy.
0 = Drive A (default)
1 = Drive B
2
Media ID0
Polarity
0 = Non-invert
1 = Invert
3
Media ID1
Polarity
0 = Non-invert
1 = Invert
4:6
Reserved
Read as 0.
7
Floppy Disk
Enable
This bit controls the AUTOPOWER DOWN feature of the Floppy
Disk. The function is:
0 = Auto powerdown disabled (default)
1 = Auto powerdown enabled
This bit is reset to the default state by POR or a hardware reset.
CR08
This register can only be accessed in the Configuration Mode and after the CSR has been initialized to
08H.
The default value of this register after power up is 00H. This register is read only.
CR09
This register can only be accessed in the Configuration Mode and after the CSR has been initialized to
09H. The default value of this register after power up is 00H. This register is read only.
CR0A
This register can only be accessed in the Configuration Mode and after the CSR has been initialized to
0AH. The default value of this register after power up is 00H. This register is read only.
CR0B
This register can only be ac1cessed in the Configuration Mode and after the CSR has been initialized
to
0BH. The default value of this register after power up is 00H. This register indicates the data rate
table used for each drive. Refer to CR1F for Drive Type register.
Table 41 - CR0B
FDD3
FDD2
FDD1
FDD0
D7
D6
D5
D4
D3
D2
D1
D0
DRT1
DRT0
DRT1
DRT0
DRT1
DRT0
DRT1
DRT0
CR0C
This register can only be accessed in the Configuration Mode and after the CSR has been initialized to
0CH. The default value of this register after power up is 00H. This register is reserved.


Similar Part No. - FDC37C78-HT

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
FDC37C78 SMSC-FDC37C78 Datasheet
347Kb / 82P
   Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
More results

Similar Description - FDC37C78-HT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
   FLOPPY DISK SUBSYSTEM CONTROLLER
logo
SMSC Corporation
97CFDC SMSC-97CFDC Datasheet
143Kb / 20P
   USB FLOPPY DISK CONTROLLER
logo
NEC
UPD72069 NEC-UPD72069 Datasheet
1Mb / 23P
   UPD72069 Floppy-Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com