Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9288BSTZ-80 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9288BSTZ-80
Description  8-Bit, 40/80/100 MSPS Dual A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9288BSTZ-80 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9288BSTZ-80 Datasheet HTML 16Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 17Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 18Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 19Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 20Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 21Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 22Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 23Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD9288
Rev. C | Page 21 of 24
OUTLINE DIMENSIONS
TOP VIEW
(PINS DOWN)
1
12
13
25
24
36
37
48
0.27
0.22
0.17
0.50
BSC
7.00
BSC SQ
SEATING
PLANE
1.60
MAX
0.75
0.60
0.45
VIEW A
9.00 BSC
SQ
PIN 1
0.20
0.09
1.45
1.40
1.35
0.08 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
10°
3.5°
0.15
0.05
COMPLIANT TO JEDEC STANDARDS MS-026BBC
Figure 34. 48-Lead Low Profile Quad Flat Package [LQFP]
(ST-48)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Options
AD9288BST-40
–40°C to +85°C
48-Lead Low Profile Quad Flat Package
ST-48
AD9288BSTZ-401
–40°C to +85°C
48-Lead Low Profile Quad Flat Package
ST-48
AD9288BSTZRL-401
–40°C to +85°C
48-Lead Low Profile Quad Flat Package
ST-48
AD9288BST-80
–40°C to +85°C
48-Lead Low Profile Quad Flat Package
ST-48
AD9288BSTZ-801
–40°C to +85°C
48-Lead Low Profile Quad Flat Package
ST-48
AD9288BST-100
–40°C to +85°C
48-Lead Low Profile Quad Flat Package
ST-48
AD9288BSTZ-1001
–40°C to +85°C
48-Lead Low Profile Quad Flat Package
ST-48
AD9288/PCB
Evaluation Board
1 Z = Pb-free part.


Similar Part No. - AD9288BSTZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9288BSTZ-80 AD-AD9288BSTZ-80 Datasheet
633Kb / 25P
   Dual A/D Converter
More results

Similar Description - AD9288BSTZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9288 AD-AD9288_15 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288BSTZ-40 AD-AD9288BSTZ-40 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288 AD-AD9288 Datasheet
205Kb / 16P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. 0
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com