Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9288BSTZ-80 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9288BSTZ-80
Description  8-Bit, 40/80/100 MSPS Dual A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9288BSTZ-80 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9288BSTZ-80 Datasheet HTML 16Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 17Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 18Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 19Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 20Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 21Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 22Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 23Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD9288
Rev. C | Page 20 of 24
TROUBLESHOOTING
If the board does not seem to be working correctly, try the
following:
Verify power at the IC pins.
Check that all jumpers are in the correct position for the
desired mode of operation.
Verify that VREF is at 1.23 V.
Try running Encode clock and analog inputs at low speeds
(20 MSPS/1 MHz) and monitor LCX821 outputs, DAC
outputs, and ADC outputs for toggling.
The AD9218/AD9288 evaluation board is provided as a design
example for customers of Analog Devices, Inc. ADI makes no
warranties, express, statutory, or implied, regarding
merchantability or fitness for a particular purpose.


Similar Part No. - AD9288BSTZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9288BSTZ-80 AD-AD9288BSTZ-80 Datasheet
633Kb / 25P
   Dual A/D Converter
More results

Similar Description - AD9288BSTZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9288 AD-AD9288_15 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288BSTZ-40 AD-AD9288BSTZ-40 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288 AD-AD9288 Datasheet
205Kb / 16P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. 0
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com