Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9288BSTZ-80 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9288BSTZ-80
Description  8-Bit, 40/80/100 MSPS Dual A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9288BSTZ-80 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9288BSTZ-80 Datasheet HTML 12Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 13Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 14Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 15Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 16Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 17Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 18Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 19Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD9288
Rev. C | Page 16 of 24
EVALUATION BOARD
The AD9218/AD9288 customer evaluation board offers an easy
way to test the AD9218 or the AD9288. The compatible pinout
of the two parts facilitates the use of one PCB for testing either
part. The PCB requires power supplies, a clock source, and a
filtered analog source for most ADC testing required.
POWER CONNECTOR
Power is supplied to the board via a detachable 12-lead power
strip. The minimum 3 V supplies required to run the board are
VDD, VDL, and VDD. To allow the use of the optional amplifier
path, ±5 V supplies are required.
ANALOG INPUTS
Each channel has an independent analog path that uses a
wideband transformer to drive the ADC differentially from a
single-ended sine source at the input SMAs. The transformer
paths can be bypassed to allow the use of a dc-coupled path by
using two AD8138 op amps with a simple board modification.
The analog input should be band-pass filtered to remove any
harmonics in the input signal and to minimize aliasing.
VOLTAGE REFERENCE
The AD9288 has an internal 1.25 V voltage reference; an
external reference for each channel can be used instead by
connecting two external voltage references at the power
connector and setting jumpers at E18 and E19. The evaluation
board is shipped configured for internal reference mode.
CLOCKING
Each channel can be clocked by a common clock input at SMA
input ENCODE A/B. The channels can also be clocked
independently by a simple board modification. The clock input
should be a low jitter sine source for maximum performance.
DATA OUTPUTS
The data outputs are latched on-board by two 10-bit latches and
drive an 8-pin connector which is compatible with the dual-
channel FIFO board available from Analog Devices. This board,
together with ADC analyzer software, can greatly simplify ADC
testing.
DATA FORMAT/GAIN
The DFS/Gain pin can be biased for desired operation at the DFS
jumper located at the S1, S2 jumpers.
TIMING
Timing on each channel can be controlled if needed on the
PCB. Clock signals at the latches or the data ready signals that
go to the output 80-pin connector can be inverted if required.
Jumpers also allow for biasing of Pins S1 and S2 for power-
down and timing alignment control.


Similar Part No. - AD9288BSTZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9288BSTZ-80 AD-AD9288BSTZ-80 Datasheet
633Kb / 25P
   Dual A/D Converter
More results

Similar Description - AD9288BSTZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9288 AD-AD9288_15 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288BSTZ-40 AD-AD9288BSTZ-40 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288 AD-AD9288 Datasheet
205Kb / 16P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. 0
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com