Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9288BSTZ-80 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9288BSTZ-80
Description  8-Bit, 40/80/100 MSPS Dual A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9288BSTZ-80 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9288BSTZ-80 Datasheet HTML 11Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 12Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 13Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 14Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 15Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 16Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 17Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 18Page - Analog Devices AD9288BSTZ-80 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD9288
Rev. C | Page 15 of 24
AD9218/AD9288 CUSTOMER PCB BOM
Table 5. Bill of Materials
No.
Qty.
Reference Designator
Device
Package
Value
Comments
1
29
C1, C3-C15, C20, C21, C24,
C25, C27, C30–C35, C39–C42
Capacitor
0603
0.1 µF
2
2
C2, C36
Capacitor
0603
15 pF
8138 out
3
7
C16–C19, C26, C37, C38
Capacitor
TAJD
10 µF
4
28
E1, E2, E3, E4, E12–E30,
E34–E38
W-HOLE
W-HOLE
5
4
H1, H2, H3, H4
MTHOLE
MTHOLE
6
5
J1, J2, J3, J4, J5
SMA
SMA
J2, J3, not placed
7
3
P1, P4, P11
4-pin power connector
Post
Z5.531.3425.0
Wieland
8
3
P1, P4, P11
4-pin power connector
Detachable
Connector
25.602.5453.0
Wieland
9
1
P2, P31
80-pin rt. angle male
TSW-140-08-
L-D-RA
Samtec
10
4
R1, R2, R32, R34
Resistor
0603
36 Ω
R1, R2, R32, R34,
not placed
11
9
R3, R7, R11, R14, R22, R23,
R24, R30, R51
Resistor
0603
50 Ω
R11, R22, R23,
R24, R30, R51
not placed
12
17
R4, R5, R8, R9, R10, R12, R13,
R20, R33, R35, R36, R37, R40,
R42, R43, R50, R53
Resistor
0603
Zero Ω
R43, R50
not placed
13
2
R6, R38
Resistor
0603
25 Ω
R6, R38
not placed
14
6
R15, R16, R18, R26, R29, R31
Resistor
0603
500 Ω
R16, R29
not placed
15
2
R17, R25
Resistor
0603
525 Ω
16
2
R19, R27
Resistor
0603
4 kΩ
17
12
R21, R28, R39, R41, R44,
R46–R49, R52, R54, R55
Resistor
0603
1 kΩ
18
2
T1, T2
Transformer
ADT1-1WT
Minicircuits
19
1
U1
AD92882
LQFP48
20
2
U2, U3
74LCX821
21
2
U5, U6
SN74VCX86
22
4
U7, U8, U9, U10
Resistor array
CTS
47 Ω
768203470G
23
2
U11, U12
AD8138 op amp3
1 P2, P3 are implemented as one physical 80-pin connector SAMTEC TSW-140-08-L-D-RA.
2 AD9288/PCB populated with AD9288-100.
3 To use optional amp: place R22, R23, R30, R24, R16, R29, remove R4, R36.


Similar Part No. - AD9288BSTZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9288BSTZ-80 AD-AD9288BSTZ-80 Datasheet
633Kb / 25P
   Dual A/D Converter
More results

Similar Description - AD9288BSTZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9288 AD-AD9288_15 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288BSTZ-40 AD-AD9288BSTZ-40 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288 AD-AD9288 Datasheet
205Kb / 16P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. 0
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com