Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7930MX Datasheet(PDF) 12 Page - Fairchild Semiconductor

Part # FAN7930MX
Description  FAN7930 Critical Conduction Mode PFC Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7930MX Datasheet(HTML) 12 Page - Fairchild Semiconductor

Back Button FAN7930MX Datasheet HTML 8Page - Fairchild Semiconductor FAN7930MX Datasheet HTML 9Page - Fairchild Semiconductor FAN7930MX Datasheet HTML 10Page - Fairchild Semiconductor FAN7930MX Datasheet HTML 11Page - Fairchild Semiconductor FAN7930MX Datasheet HTML 12Page - Fairchild Semiconductor FAN7930MX Datasheet HTML 13Page - Fairchild Semiconductor FAN7930MX Datasheet HTML 14Page - Fairchild Semiconductor FAN7930MX Datasheet HTML 15Page - Fairchild Semiconductor FAN7930MX Datasheet HTML 16Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7930 • Rev. 1.0.1
12
4. Zero-Current Detection: Zero-current detection
(ZCD) generates the turn-on signal of the MOSFET
when the boost inductor current reaches zero using an
auxiliary winding coupled with the inductor. When the
power switch turns on, negative voltage is induced at the
auxiliary winding due to the opposite winding direction
(see equation 1) and positive voltage is induced (see
equation 2)
when the power switch turns off.
AC
IND
AUX
AUX
V
T
T
V
=
(1)
()
AC
PFCOUT
IND
AUX
AUX
V
V
T
T
V
=
(2)
where, VAUX is the auxiliary winding voltage, TIND and
TAUX are boost inductor turns and auxiliary winding turns
respectively, VAC is input voltage for PFC converter and
VOUT_PFC is output voltage from the PFC converter.
Figure 25.
Circuit Near ZCD
Because auxiliary winding voltage can swing from
negative voltage to positive voltage, the internal block in
ZCD pin has both positive and negative voltage
clamping circuits. When the auxiliary voltage is
negative, internal circuit clamps the negative voltage at
the ZCD pin around 0.65V by sourcing current to the
serial resistor between the ZCD pin and the auxiliary
winding. When the auxiliary voltage is higher than 6.5V,
current is sinked through a resistor from the auxiliary
winding to the ZCD pin.
Figure 26.
Auxiliary Voltage Depends
on MOSFET Switching
To check the boost inductor current zero instance,
auxiliary winding voltage is used. When boost inductor
current becomes zero, there is a resonance between
boost inductor and all capacitors at MOSFET drain pin,
including COSS of the MOSFET; an external capacitor at
the D-S pin to reduce the voltage rising and falling slope
of the MOSFET; a parasitic capacitor at inductor; and so
on to improve performance. Resonated voltage is
reflected to the auxiliary winding and can be used as
detecting zero current of boost inductor and valley
position of MOSFET voltage stress. For valley detection,
a minor delay by the resistor and capacitor is needed. A
capacitor increases the noise immunity at the ZCD pin.
If ZCD voltage is higher than 1.5V, an internal ZCD
comparator output becomes HIGH and LOW when the
ZCD goes below 1.4V. At the falling edge of comparator
output,
internal
logic
turns
on
the
MOSFET.
Figure 27.
Auxiliary Voltage Threshold
When no ZCD signal is available, the PFC controller
cannot turn on MOSFET, so the controller checks every
switching off time and forces MOSFET turn on when the
off time is longer than 150μs. It is called restart timer.
Restart timer triggers MOSFET turn on at startup and
may be used at the input voltage zero cross period.
s
150
μ
Figure 28.
Restart Timer at Startup


Similar Part No. - FAN7930MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7930 FAIRCHILD-FAN7930 Datasheet
1Mb / 22P
   Boundary Conduction Mode Power Factor Correction (PFC)
FAN7930 FAIRCHILD-FAN7930 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Fairchild Semiconductor
FAN7930BM FAIRCHILD-FAN7930BM Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7930MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com