Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV321Q1M5/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMV321Q1M5/NOPB
Description  Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321Q1M5/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMV321Q1M5/NOPB Datasheet HTML 1Page - Texas Instruments LMV321Q1M5/NOPB Datasheet HTML 2Page - Texas Instruments LMV321Q1M5/NOPB Datasheet HTML 3Page - Texas Instruments LMV321Q1M5/NOPB Datasheet HTML 4Page - Texas Instruments LMV321Q1M5/NOPB Datasheet HTML 5Page - Texas Instruments LMV321Q1M5/NOPB Datasheet HTML 6Page - Texas Instruments LMV321Q1M5/NOPB Datasheet HTML 7Page - Texas Instruments LMV321Q1M5/NOPB Datasheet HTML 8Page - Texas Instruments LMV321Q1M5/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N, LMV358-N-Q1
LMV324-N, LMV324-N-Q1
www.ti.com
SNOS012I – AUGUST 2000 – REVISED FEBRUARY 2013
2.7V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 2.7V, V= 0V, V
CM = 1.0V, VO = V
+/2 and R
L > 1 MΩ.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(1)
(2)
(1)
VOS
Input Offset Voltage
1.7
7
mV
TCVOS
Input Offset Voltage Average Drift
5
µV/°C
IB
Input Bias Current
11
250
nA
IOS
Input Offset Current
5
50
nA
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 1.7V
50
63
dB
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V
50
60
dB
VO = 1V
VCM
Input Common-Mode Voltage Range
For CMRR
≥ 50 dB
0
−0.2
V
1.9
1.7
V
VO
Output Swing
RL = 10 kΩ to 1.35V
V+
−100
V+
−10
mV
60
180
mV
IS
Supply Current
LMV321-N
80
170
µA
LMV358-N
140
340
µA
Both amplifiers
LMV324-N
260
680
µA
All four amplifiers
(1)
All limits are guaranteed by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
2.7V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T J = 25°C, V
+ = 2.7V, V= 0V, V
CM = 1.0V, VO = V
+/2 and R
L > 1 MΩ.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(1)
(2)
(1)
GBWP
Gain-Bandwidth Product
CL = 200 pF
1
MHz
Φm
Phase Margin
60
Deg
Gm
Gain Margin
10
dB
en
Input-Referred Voltage Noise
f = 1 kHz
46
in
Input-Referred Current Noise
f = 1 kHz
0.17
(1)
All limits are guaranteed by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1


Similar Part No. - LMV321Q1M5/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV321Q1M5/NOPB TI1-LMV321Q1M5/NOPB Datasheet
2Mb / 52P
[Old version datasheet]   Operational Amplifiers
More results

Similar Description - LMV321Q1M5/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV321 TI1-LMV321 Datasheet
1Mb / 30P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
National Semiconductor ...
LMV321-N NSC-LMV321-N Datasheet
2Mb / 45P
   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LPV321 TI1-LPV321_16 Datasheet
1Mb / 30P
[Old version datasheet]   Quad General Purpose, Low Voltage, Low Power Rail-to-Rail Output Operational Amplifiers
logo
National Semiconductor ...
LPV321 NSC-LPV321_14 Datasheet
1Mb / 28P
   Quad General Purpose, Low Voltage, Low Power,Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324 UTC-LV324 Datasheet
184Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321 Datasheet
630Kb / 16P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
/LMV324 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com