![]() |
Electronic Components Datasheet Search |
|
BLM15BD221SN1D Datasheet(PDF) 56 Page - Murata Manufacturing Co., Ltd. |
|
|
BLM15BD221SN1D Datasheet(HTML) 56 Page - Murata Manufacturing Co., Ltd. |
56 / 88 page ![]() !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. C31E.pdf Mar.28,2011 67 0805 size for high speed signal lines. BLM21BSeries (0805 Size) BLM Series Signal Lines Type Chip Ferrite Bead s Dimensions s Equivalent Circuit s Packaging s Rated Value (p: packaging code) Continued on the following page. Refer to pages from p.91 to p.94 for mounting information. BLM21B Part Number Impedance (at 100MHz/20 °C) Rated Current DC Resistance Operating Temperature Range BLM21BD152SN1p 1500ohm ±25% 200mA 0.45ohm max. -55 °C to +125°C BLM21BD182SN1p 1800ohm ±25% 200mA 0.50ohm max. -55 °C to +125°C BLM21BD222TN1p 2200ohm ±25% 200mA 0.60ohm max. -55 °C to +125°C BLM21BD222SN1p 2250ohm(Typ.) 200mA 0.60ohm max. -55 °C to +125°C BLM21BD272SN1p 2700ohm ±25% 200mA 0.80ohm max. -55 °C to +125°C Number of Circuits: 1 BLM21BB050SN1p 5ohm ±25% 500mA 0.07ohm max. -55 °C to +125°C BLM21BB600SN1p 60ohm ±25% 200mA 0.20ohm max. -55 °C to +125°C BLM21BB750SN1p 75ohm ±25% 200mA 0.25ohm max. -55 °C to +125°C BLM21BB121SN1p 120ohm ±25% 200mA 0.25ohm max. -55 °C to +125°C BLM21BD121SN1p 120ohm ±25% 200mA 0.25ohm max. -55 °C to +125°C BLM21BB151SN1p 150ohm ±25% 200mA 0.25ohm max. -55 °C to +125°C BLM21BD151SN1p 150ohm ±25% 200mA 0.25ohm max. -55 °C to +125°C BLM21BB201SN1p 200ohm ±25% 200mA 0.35ohm max. -55 °C to +125°C BLM21BB221SN1p 220ohm ±25% 200mA 0.35ohm max. -55 °C to +125°C BLM21BD221SN1p 220ohm ±25% 200mA 0.25ohm max. -55 °C to +125°C BLM21BB331SN1p 330ohm ±25% 200mA 0.40ohm max. -55 °C to +125°C BLM21BD331SN1p 330ohm ±25% 200mA 0.30ohm max. -55 °C to +125°C BLM21BD421SN1p 420ohm ±25% 200mA 0.30ohm max. -55 °C to +125°C BLM21BB471SN1p 470ohm ±25% 200mA 0.45ohm max. -55 °C to +125°C BLM21BD471SN1p 470ohm ±25% 200mA 0.35ohm max. -55 °C to +125°C BLM21BD601SN1p 600ohm ±25% 200mA 0.35ohm max. -55 °C to +125°C BLM21BD751SN1p 750ohm ±25% 200mA 0.40ohm max. -55 °C to +125°C BLM21BD102SN1p 1000ohm ±25% 200mA 0.40ohm max. -55 °C to +125°C D 180mm Reel Paper Tape 4000 J 330mm Reel Paper Tape 10000 B Bulk(Bag) 1000 Code • BLM21BD222SN1/21BD272SN1 only Packaging Minimum Quantity Code Packaging Minimum Quantity L 180mm Reel Plastic Tape 3000 K 330mm Reel Plastic Tape 10000 B Bulk(Bag) 1000 • All except BLM21BD222SN1/21BD272SN1 2.0 ±0.2 E 1.25 ±0.2 (in mm) : Electrode Part Number T BLM21B (exclude items below) 0.85 ±0.2 BLM21BD222SN1 1.25 ±0.2 BLM21BD272SN1 1.25 ±0.2 E 0.5 ±0.2 0.5 ±0.2 0.3 ±0.2 (Resistance element becomes dominant at high frequencies.) |
Similar Part No. - BLM15BD221SN1D |
|
Similar Description - BLM15BD221SN1D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |