Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRN72XX-2000 Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # WRN72XX-2000
Description  WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRN72XX-2000 Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  WRN72XX-2000 Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRN72XX-2000 Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRN72XX-2000 Datasheet HTML 3Page - Microdc power Technology Co., Ltd WRN72XX-2000 Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WRN72XX-2000(B)&WRN73XX-
WRN72XX-2000(B)&WRN73XX-
WRN72XX-2000(B)&WRN73XX-
WRN72XX-2000(B)&WRN73XX-
WRN72XX-2000(B)&WRN73XX-
WRN72XX-2000(B)&WRN73XX-
WRN72XX-2000(B)&WRN73XX-
WRN72XX-2000(B)&WRN73XX-3
3
3
3
3
3
3
3000(B)&WRN74XX-
000(B)&WRN74XX-
000(B)&WRN74XX-
000(B)&WRN74XX-
000(B)&WRN74XX-
000(B)&WRN74XX-
000(B)&WRN74XX-
000(B)&WRN74XX-4
4
4
4
4
4
4
4000(B)
000(B)
000(B)
000(B)
000(B)
000(B)
000(B)
000(B) Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 4
Table1:Adjustment
Table1:Adjustment
Table1:Adjustment
Table1:Adjustment
Table1:Adjustment
Table1:Adjustment
Table1:Adjustment
Table1:Adjustment Resistor
Resistor
Resistor
Resistor
Resistor
Resistor
Resistor
Resistor Values
Values
Values
Values
Values
Values
Values
Values
2000mA DC
WRN7203-2000(B)
WRN7205-2000(B)
WRN7206-2000(B)
WRN7209-2000(B)
WRN7212-2000(B)
WRN7215-2000(B)
3000mA DC
WRN7303-3000(B)
WRN7305-3000(B)
WRN7306-3000(B)
WRN7309-3000(B)
WRN7312-3000(B)
WRN7315-3000(B)
4000mA DC
WRN7403-4000(B)
WRN7405-4000(B)
WRN7406-4000(B)
-----
-----
-----
Vout (nominal)
3.3VDC
5VDC
6.5VDC
9VDC
12VDC
15VDC
Vout (adj)
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
2.5
8.5KΩ
3.0
33KΩ
470Ω
3.2
110KΩ
1.6KΩ
3.3
2.2KΩ
3.4
36KΩ
3.0KΩ
3.6
11KΩ
4.7KΩ
3.9
4.7KΩ
8.5KΩ
4.5
1.6KΩ
30KΩ
4.9
820Ω
220KΩ
5.0
680Ω
11KΩ
5.1
560Ω
28KΩ
12KΩ
5.5
190Ω
2.6KΩ
20KΩ
6.0
47KΩ
6.5
7.0
560Ω
13KΩ
8.0
330Ω
31KΩ
9.0
10
2.2KΩ
20KΩ
11
390Ω
47KΩ
12
13
2.4KΩ
36KΩ
14
390Ω
76KΩ
15
16
2.6KΩ
17
860Ω
18


Similar Part No. - WRN72XX-2000

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRN78-500 MICRODC-WRN78-500 Datasheet
378Kb / 2P
WIDEINPUT,NON-ISOLATED REGULATEDSINGLEOUTPUTSIP3DC/DCCONVERTER
WRN7803-1000 MICRODC-WRN7803-1000 Datasheet
731Kb / 2P
WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRN7803-1500 MICRODC-WRN7803-1500 Datasheet
785Kb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN7803-1500B MICRODC-WRN7803-1500B Datasheet
785Kb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN7803-2000 MICRODC-WRN7803-2000 Datasheet
772Kb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
More results

Similar Description - WRN72XX-2000

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRN78UXX-500 MICRODC-WRN78UXX-500 Datasheet
1Mb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78XX-1500 MICRODC-WRN78XX-1500 Datasheet
785Kb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78XX-2000 MICRODC-WRN78XX-2000 Datasheet
772Kb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78XXT-1000 MICRODC-WRN78XXT-1000 Datasheet
1Mb / 5P
WIDEINPUT,NON-ISOLATED®ULATED SMDPACKAGE SINGLEOUTPUT
WRN78XXT-500 MICRODC-WRN78XXT-500 Datasheet
1Mb / 6P
WIDEINPUT,NON-ISOLATED®ULATED SMDPACKAGE SINGLEOUTPUT
WRN78XXM-1000 MICRODC-WRN78XXM-1000 Datasheet
1Mb / 4P
WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRN78XX-1000 MICRODC-WRN78XX-1000 Datasheet
731Kb / 2P
WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRE-YS-2W MICRODC-WRE-YS-2W Datasheet
606Kb / 3P
2W,WIDE INPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUT DC-DCCONVERTER
WRA-YS-1W MICRODC-WRA-YS-1W Datasheet
1Mb / 3P
WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
WRA-YS-2W MICRODC-WRA-YS-2W Datasheet
1Mb / 3P
WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com