Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRN72XX-2000 Datasheet(PDF) 4 Page - Microdc power Technology Co., Ltd

Part # WRN72XX-2000
Description  WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRN72XX-2000 Datasheet(HTML) 4 Page - Microdc power Technology Co., Ltd

  WRN72XX-2000 Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRN72XX-2000 Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRN72XX-2000 Datasheet HTML 3Page - Microdc power Technology Co., Ltd WRN72XX-2000 Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WRN72XX-2000(B)&WRN73XX-
WRN72XX-2000(B)&WRN73XX-
WRN72XX-2000(B)&WRN73XX-
WRN72XX-2000(B)&WRN73XX-
WRN72XX-2000(B)&WRN73XX-
WRN72XX-2000(B)&WRN73XX-
WRN72XX-2000(B)&WRN73XX-
WRN72XX-2000(B)&WRN73XX-3
3
3
3
3
3
3
3000(B)&WRN74XX-
000(B)&WRN74XX-
000(B)&WRN74XX-
000(B)&WRN74XX-
000(B)&WRN74XX-
000(B)&WRN74XX-
000(B)&WRN74XX-
000(B)&WRN74XX-4
4
4
4
4
4
4
4000(B)
000(B)
000(B)
000(B)
000(B)
000(B)
000(B)
000(B) Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 4 of 4
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS &
&
&
&
&
&
&
& FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
Note:
Unit:mm[inch]
Pin section tolerances: ±0.10mm[±0.004inch]
General tolerances: ±0.25mm[±0.010inch]
Note:
Unit:mm[inch]
Pin section tolerances: ±0.10mm[±0.004inch]
General tolerances: ±0.25mm[±0.010inch]
Pin Connections
Pin
Name
Description
1
ON/OFF
Input pin :Active low (less than 0.8V) to disable the device
2.3.4
Vin
Power input
5.6.7.8
GND
Input and output ground (common)
9.10.11
Vout
Power output
12
Vout-Adj
With external resistors R1,R2 to selected output voltage
Tolerance: ± 0.25 mm
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
WRN72XX-2000
WRN72XX-2000
WRN72XX-2000
WRN72XX-2000
WRN72XX-2000B
WRN72XX-2000B
WRN72XX-2000B
WRN72XX-2000B
Note:
Unit :mm[inch]
General tolerances:±0.50mm[±0.020inch]
L=530mm[20.866inch]
Devices per tube quantity: 15pcs
L=220mm[8.661inch]
Devices per tube quantity: 6pcs
Short
tube inner packaging dimensions: L*W*H=255*170*80mm
Short
tube outer packaging dimensions(with six inner packaging boxes):
L*W*H=375*280*270mm
Long
tube inner packaging dimensions: L*W*H=580*200*100mm
Long
tube outer packaging dimensions(with two inner packaging boxes):
L*W*H=600*215*220mm
Long
tube outer packaging dimensions(with three inner packaging boxes):
L*W*H=600*215*325mm
Note:
1.All specifications measured at Ta=25℃, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. Only typical models listed, other models may be different, please contact our technical person for more details.
3. In this data sheet, all the test methods of indications are based on corporate standards.


Similar Part No. - WRN72XX-2000

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRN78-500 MICRODC-WRN78-500 Datasheet
378Kb / 2P
WIDEINPUT,NON-ISOLATED REGULATEDSINGLEOUTPUTSIP3DC/DCCONVERTER
WRN7803-1000 MICRODC-WRN7803-1000 Datasheet
731Kb / 2P
WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRN7803-1500 MICRODC-WRN7803-1500 Datasheet
785Kb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN7803-1500B MICRODC-WRN7803-1500B Datasheet
785Kb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN7803-2000 MICRODC-WRN7803-2000 Datasheet
772Kb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
More results

Similar Description - WRN72XX-2000

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRN78UXX-500 MICRODC-WRN78UXX-500 Datasheet
1Mb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78XX-1500 MICRODC-WRN78XX-1500 Datasheet
785Kb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78XX-2000 MICRODC-WRN78XX-2000 Datasheet
772Kb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78XXT-1000 MICRODC-WRN78XXT-1000 Datasheet
1Mb / 5P
WIDEINPUT,NON-ISOLATED®ULATED SMDPACKAGE SINGLEOUTPUT
WRN78XXT-500 MICRODC-WRN78XXT-500 Datasheet
1Mb / 6P
WIDEINPUT,NON-ISOLATED®ULATED SMDPACKAGE SINGLEOUTPUT
WRN78XXM-1000 MICRODC-WRN78XXM-1000 Datasheet
1Mb / 4P
WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRN78XX-1000 MICRODC-WRN78XX-1000 Datasheet
731Kb / 2P
WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRE-YS-2W MICRODC-WRE-YS-2W Datasheet
606Kb / 3P
2W,WIDE INPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUT DC-DCCONVERTER
WRA-YS-1W MICRODC-WRA-YS-1W Datasheet
1Mb / 3P
WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
WRA-YS-2W MICRODC-WRA-YS-2W Datasheet
1Mb / 3P
WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com