Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFCT-5179AZ Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5179AZ
Description  SC Duplex Single Mode Transceiver Multisourced 1 x 9 pin configuration
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5179AZ Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-5179AZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179AZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179AZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179AZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179AZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179AZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179AZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179AZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Transmitter Section
Design
The transmitter section, Figure 3, uses a Multiple Quantum
Well laser as its optical source. The package of this laser is
designed to allow repeatable coupling into single mode
fiber. In addition, this package has been designed to be
compliant with IEC 825 Class 1 and CDRH Class I eye safety
requirements. The optical output is controlled by a custom
IC which detects the laser output via the monitor photo-
diode. This IC provides both dc and ac current drive to
the laser to ensure correct modulation, eye diagram and
extinction ratio over temperature, supply voltage and life.
PCB mounting
The AFCT-5179xZ has two solderable mounting studs,
Figures 5 and 6. These studs are not electrically connected.
The transceiver is designed for common production
processes. It may be wave soldered and aqueous washed
providing the process plug is in place.
Each process plug can only be used once during process-
ing, although with subsequent use, it can be used as a
dust cover.
Figure 4. Recommended Circuit Schematic
DATA
DATA
PECL
INPUT
LASER
MODULATOR
LASER
LASER BIAS
DRIVER
LASER BIAS
CONTROL
PHOTODIODE
(rear facet monitor)
Figure 3. Simplified Transmitter Schematic
NO INTERNAL
CONNECTION
NO INTERNAL
CONNECTION
TOP VIEW
V
EER
1
RD
2
SD
4
V
CCR
5
V
CCT
6
TD
8
V
EET
9
NOTES:
THE SPLIT-LOAD TERMINATIONS FOR ECL SIGNALS NEED TO BE LOCATED AT
THE INPUT OF DEVICES RECEIVING THOSE ECL SIGNALS. RECOMMEND 4-LAYER
PRINTED CIRCUIT BOARD WITH 50
Ω MICROSTRIP SIGNAL PATHS BE USED.
R1 = R4 = R6 = R8 = R10 = 130
R2 = R3 = R5 = R7 = R9 = 82
C1 = C2 = 10 µF (see Figure 2)
C3 = C4 = C7 = C8 = 100 nF
C5 = C6 = 0.1 µF
L1 = L2 = 3.3 µH COIL OR FERRITE INDUCTOR.
TERMINATE
AT THE
DEVICE
INPUTS
VccFILTER
AT VccPINS
TRANSCEIVER
V
CC
C8
C1
L1 L2
TD
RD
3
TD
7
R8
RD
RD
V
CC
R5
R7
R6
C6
SD
R10
C7
C2
C3
C4
R4
V
CC
R2
R3
R1
TERMINATION
AT
TRANSCEIVER
INPUTS
TD
C5
R9


Similar Part No. - AFCT-5179AZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5179BZ AVAGO-AFCT-5179BZ_15 Datasheet
345Kb / 8P
SC Duplex Single Mode Transceiver
More results

Similar Description - AFCT-5179AZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5205 HP-HFCT-5205 Datasheet
235Kb / 10P
SC Duplex Single Mode Transceiver
HFCT-5103B HP-HFCT-5103B Datasheet
180Kb / 8P
SC Duplex Single Mode Transceiver
logo
Pasternack Enterprises,...
PE300008-1 PASTERNACK-PE300008-1 Datasheet
282Kb / 1P
CABLE ASSEMBLY SC TO SC DUPLEX SINGLE MODE
PE300509-1 PASTERNACK-PE300509-1 Datasheet
119Kb / 1P
CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO SC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
PE300533-1 PASTERNACK-PE300533-1 Datasheet
121Kb / 1P
CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO
PE300533-2 PASTERNACK-PE300533-2 Datasheet
121Kb / 1P
CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX , MODE CONDITIONING
PE300008 PASTERNACK-PE300008 Datasheet
249Kb / 1P
CABLE ASSEMBLY SC TO SC DUPLEX SINGLE MODE(9/125)
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5179BZ AVAGO-AFCT-5179BZ_15 Datasheet
345Kb / 8P
SC Duplex Single Mode Transceiver
logo
Weidmuller
7760048141 WEIDMULLER-7760048141 Datasheet
65Kb / 3P
1 * RJ45 10/100BaseT(X), 1 * SC Single mode
November 4, 2021
7760048143 WEIDMULLER-7760048143 Datasheet
65Kb / 3P
1 * RJ45 10/100BaseT(X), 1 * SC Single-mode
November 4, 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com