Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFCT-5179AZ Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5179AZ
Description  SC Duplex Single Mode Transceiver Multisourced 1 x 9 pin configuration
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5179AZ Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-5179AZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179AZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179AZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179AZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179AZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179AZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179AZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179AZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Functional Description
Receiver Section
Design
The receiver section contains an InGaAs/InP photo
detector and a preamplifier within the receptacle, coupled
to a postamplifier/decision circuit on a separate circuit
board.
The postamplifier is ac coupled to the preamplifier as illus-
trated in Figure 1. The coupling capacitor is large enough
to pass the EFM test pattern at 125 MBd without signifi-
cant distortion or performance penalty.
Figure 1 also shows a filter network which limits the band-
width of the preamp output signal. The filter is designed
to bandlimit the preamp output noise and thus improve
the receiver sensitivity.
These components will also reduce the sensitivity of the
receiver as the signal bit rate is increased above 155 MBd.
Noise Immunity
The receiver includes internal circuit components to filter
power supply noise. Under some conditions of EMI and
power supply noise, external power supply filtering may
be necessary. If receiver sensitivity is found to be degraded
by power supply noise, the filter network illustrated in
Figure 2 may be used to improve performance. The values
of the filter components are general recommendations
and may be changed to suit a particular system environ-
ment. Shielded inductors are recommended.
Figure 1. Receiver Block Diagram
Terminating the Outputs
The PECL Data outputs of the receiver may be terminated
with the standard Thevenin-equivalent 50 ohm to VCC
2 V termination.
Other standard PECL terminating techniques may be
used.
The two outputs of the receiver should be terminated
with identical load circuits to avoid unnecessarily large
ac current in VCC. If the outputs are loaded identically the
ac current is largely nulled. The Signal Detect output of
the receiver is PECL logic and must be loaded if it is to be
used. The Signal Detect circuit is much slower than the
data path, so the ac noise generated by an asymmetrical
load is negligible. Power consumption may be reduced by
using a higher than normal load impedance for the Signal
Detect output. Transmission line effects are not generally
a problem as the switching rate is slow.
The Signal Detect Circuit
The Signal Detect circuit works by sensing the peak
level of the received signal and comparing this level to a
reference.
Figure 2. Filter Network for Noise Filtering
RECEIVER
RECEPTACLE
TRANS-
IMPEDANCE
PRE-
AMPLIFIER
FILTER
GND
LIMITING
AMPLIFIER
PECL
OUTPUT
BUFFER
PECL
OUTPUT
BUFFER
DATA OUT
SIGNAL
DETECT
CIRCUIT
SD
DATA OUT
VCC
100 nF
3.3 µH
100 nF
10 µF
FILTERED VCCto DATA LINK
+


Similar Part No. - AFCT-5179AZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5179BZ AVAGO-AFCT-5179BZ_15 Datasheet
345Kb / 8P
SC Duplex Single Mode Transceiver
More results

Similar Description - AFCT-5179AZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5179BZ AVAGO-AFCT-5179BZ_15 Datasheet
345Kb / 8P
SC Duplex Single Mode Transceiver
logo
Agilent(Hewlett-Packard...
HFCT-5205 HP-HFCT-5205 Datasheet
235Kb / 10P
SC Duplex Single Mode Transceiver
HFCT-5103B HP-HFCT-5103B Datasheet
180Kb / 8P
SC Duplex Single Mode Transceiver
logo
Pasternack Enterprises,...
PE300008 PASTERNACK-PE300008 Datasheet
249Kb / 1P
CABLE ASSEMBLY SC TO SC DUPLEX SINGLE MODE(9/125)
PE300509-1 PASTERNACK-PE300509-1 Datasheet
119Kb / 1P
CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO SC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
PE300008-1 PASTERNACK-PE300008-1 Datasheet
282Kb / 1P
CABLE ASSEMBLY SC TO SC DUPLEX SINGLE MODE
logo
Weidmuller
7760048143 WEIDMULLER-7760048143 Datasheet
65Kb / 3P
1 * RJ45 10/100BaseT(X), 1 * SC Single-mode
November 4, 2021
7760048141 WEIDMULLER-7760048141 Datasheet
65Kb / 3P
1 * RJ45 10/100BaseT(X), 1 * SC Single mode
November 4, 2021
logo
Pasternack Enterprises,...
PE300533-2 PASTERNACK-PE300533-2 Datasheet
121Kb / 1P
CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX , MODE CONDITIONING
PE300533-1 PASTERNACK-PE300533-1 Datasheet
121Kb / 1P
CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com