Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFCT-5179AZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5179AZ
Description  SC Duplex Single Mode Transceiver Multisourced 1 x 9 pin configuration
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5179AZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-5179AZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179AZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179AZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179AZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179AZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179AZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179AZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179AZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AFCT-5179xZ
SC Duplex Single Mode Transceiver
Data Sheet
Description
The AFCT-5179xZ transceiver is a high performance, cost
effective module for serial optical data communications
applications specified for a signal rate of 125 MBd. It is
designed for Fast Ethernet applications and is also com-
patible with EFM baseline 100BASE-LX10 standard over
dual single mode fiber.
This module is designed for single mode fiber and
operates at a nominal wavelength of 1300 nm. It incorpo-
rates Avago Technologies’high performance, reliable, long
wavelength optical devices and proven circuit technology
to give long life and consistent service.
The transmitter section uses a Multiple Quantum Well
laser with full IEC 825 and CDRH Class I eye safety.
The receiver section uses a planar PIN photodetector for
low dark current and excellent responsivity.
A pseudo-ECL logic interface simplifies interface to
external circuitry.
Features
• SC duplex single mode transceiver
• Single +3.3 V or +5 V power supply
• Multisourced 1 x 9 pin configuration
• Manufactured in an ISO9001 certified factory
• Aqueous washable plastic package
• Interchangeable with LED multisourced 1 x 9 trans-
ceivers
• Unconditionally eye safe laser IEC 825/CDRH Class 1
compliant
• Designed for EFM (Ethernet in the First Mile) baseline
100Base-LX10 performance over dual single mode fiber
• RoHS compliant
• Two temperature ranges:
0° C to +70° C, AFCT-5179BZ/DZ
-40° C to +85° C, AFCT-5179AZ/CZ
Applications
• Fast Ethernet
• Ethernet in the First Mile


Similar Part No. - AFCT-5179AZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5179BZ AVAGO-AFCT-5179BZ_15 Datasheet
345Kb / 8P
SC Duplex Single Mode Transceiver
More results

Similar Description - AFCT-5179AZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5205 HP-HFCT-5205 Datasheet
235Kb / 10P
SC Duplex Single Mode Transceiver
HFCT-5103B HP-HFCT-5103B Datasheet
180Kb / 8P
SC Duplex Single Mode Transceiver
logo
Pasternack Enterprises,...
PE300008-1 PASTERNACK-PE300008-1 Datasheet
282Kb / 1P
CABLE ASSEMBLY SC TO SC DUPLEX SINGLE MODE
PE300509-1 PASTERNACK-PE300509-1 Datasheet
119Kb / 1P
CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO SC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
PE300533-1 PASTERNACK-PE300533-1 Datasheet
121Kb / 1P
CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO
PE300533-2 PASTERNACK-PE300533-2 Datasheet
121Kb / 1P
CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX , MODE CONDITIONING
PE300008 PASTERNACK-PE300008 Datasheet
249Kb / 1P
CABLE ASSEMBLY SC TO SC DUPLEX SINGLE MODE(9/125)
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5179BZ AVAGO-AFCT-5179BZ_15 Datasheet
345Kb / 8P
SC Duplex Single Mode Transceiver
logo
Weidmuller
7760048141 WEIDMULLER-7760048141 Datasheet
65Kb / 3P
1 * RJ45 10/100BaseT(X), 1 * SC Single mode
November 4, 2021
7760048143 WEIDMULLER-7760048143 Datasheet
65Kb / 3P
1 * RJ45 10/100BaseT(X), 1 * SC Single-mode
November 4, 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com