Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29LV010A-12TU Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT29LV010A-12TU
Description  1-megabit (128K x 8) 3-volt Only Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29LV010A-12TU Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT29LV010A-12TU Datasheet HTML 2Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 3Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 4Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 5Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 6Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 7Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 8Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 9Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
0520F–FLASH–9/08
AT29LV010A
Notes:
1. After power is applied and V
CC is at the minimum specified data sheet value, the system should wait 20 ms before an
operational mode is started.
Notes:
1. X can be V
IL or VIH.
2. Refer to AC Programming Waveforms.
3. VH = 12.0V ± 0.5V.
4. Manufacturer Code is 1F. The Device Code is 35.
5. See details under Software Product Identification Entry/Exit.
6.
DC and AC Operating Range
AT29LV010A-12
AT29LV010A-15
AT29LV010A-20
AT29LV010A-25
Operating Temperature (Case)
Com.
0°C - 70°C
0°C - 70°C
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
V
CC Power Supply
(1)
3.3V
± 0.3V
3.3V
± 0.3V
3.3V
± 0.3V
3.3V
± 0.3V
2
.
Not recommended for New Designs.
7.
Operating Modes
Mode
CE
OE
WE
Ai
I/O
Read
V
IL
V
IL
V
IH
Ai
D
OUT
Program(2)
VIL
VIH
VIL
Ai
DIN
5V Chip Erase
V
IL
V
IH
V
IL
Ai
Standby/Write Inhibit
V
IH
X(1)
X
X
High Z
Program Inhibit
X
X
VIH
Program Inhibit
X
V
IL
X
Output Disable
X
V
IH
X
High Z
Product Identification
Hardware
V
IL
VIL
VIH
A1 - A16 = V
IL, A9 = VH,
(3) A0 = V
IL
Manufacturer Code(4)
A1 - A16 = VIL, A9 = VH,
(3) A0 = V
IH
Device Code(4)
Software(5)
A0 = VIL, A1 - A16 =VIL
Manufacturer Code(4)
A0 = V
IH, A1 - A16 =VIL
Device Code(4)
8.
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
1
μA
ILO
Output Leakage Current
VI/O = 0V to VCC
1
μA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC
Com.
40
μA
Ind.
50
μA
I
SB2
V
CC Standby Current TTL
CE = 2.0V to V
CC
1mA
I
CC
V
CC Active Current
f = 5 MHz; I
OUT = 0 mA; VCC = 3.6V
15
mA
VIL
Input Low Voltage
0.6
V
V
IH
Input High Voltage
2.0
V
V
OL
Output Low Voltage
I
OL = 1.6 mA; VCC = 3.0V
0.45
V
VOH
Output High Voltage
IOH = -100 μA; VCC = 3.0V
2.4
V


Similar Part No. - AT29LV010A-12TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV010A-15 ATMEL-AT29LV010A-15 Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-15JC ATMEL-AT29LV010A-15JC Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-15JI ATMEL-AT29LV010A-15JI Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-15TC ATMEL-AT29LV010A-15TC Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-15TI ATMEL-AT29LV010A-15TI Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
More results

Similar Description - AT29LV010A-12TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29LV010A ATMEL-AT29LV010A Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT49BV008 ATMEL-AT49BV008 Datasheet
117Kb / 12P
   8-Megabit 1M x 8 3-volt Only Flash Memory
logo
Eon Silicon Solution In...
EN29LV010 EON-EN29LV010 Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
ATMEL Corporation
AT49LV1024A ATMEL-AT49LV1024A Datasheet
308Kb / 14P
   1-megabit (64K x 16) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com