Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29LV010A-12TU Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT29LV010A-12TU
Description  1-megabit (128K x 8) 3-volt Only Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29LV010A-12TU Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT29LV010A-12TU Datasheet HTML 8Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 9Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 10Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 11Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 12Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 13Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 14Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 15Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
0520F–FLASH–9/08
AT29LV010A
26. Ordering Information
26.1
Standard Package
t
ACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
120
15
0.04
AT29LV010A-12JC
AT29LV010A-12TC
32J
32T
Commercial
(0
° to 70° C)
15
0.05
AT29LV010A-12JI
AT29LV010A-12TI
32J
32T
Industrial
(-40
° to 85° C)
150
15
0.04
AT29LV010A-15JC
AT29LV010A-15TC
32J
32T
Commercial
(0
° to 70° C)
15
0.05
AT29LV010A-15JI
AT29LV010A-15TI
32J
32T
Industrial
(-40
° to 85° C)
200
15
0.04
AT29LV010A-20JC
AT29LV010A-20TC
32J
32T
Commercial
(0
° to 70° C)
15
0.05
AT29LV010A-20JI
AT29LV010A-20TI
32J
32T
Industrial
(-40
° to 85° C)
250
15
0.04
AT29LV010A-25JC
AT29LV010A-25TC
32J
32T
Commercial
(0
° to 70° C)
15
0.05
AT29LV010A-25JI
AT29LV010A-25TI
32J
32T
Industrial
(-40
° to 85° C)
Note:
Not recommended for New Designs.
Package Type
32J
32-Lead, Plastic J-Leaded Chip Carrier (PLCC)
32T
32-Lead, Thin Small Outline Package (TSOP)


Similar Part No. - AT29LV010A-12TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV010A-15 ATMEL-AT29LV010A-15 Datasheet
491Kb / 10P
1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-15JC ATMEL-AT29LV010A-15JC Datasheet
491Kb / 10P
1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-15JI ATMEL-AT29LV010A-15JI Datasheet
491Kb / 10P
1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-15TC ATMEL-AT29LV010A-15TC Datasheet
491Kb / 10P
1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-15TI ATMEL-AT29LV010A-15TI Datasheet
491Kb / 10P
1 Megabit 128K x 8 3-volt Only CMOS Flash
More results

Similar Description - AT29LV010A-12TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29LV010A ATMEL-AT29LV010A Datasheet
491Kb / 10P
1 Megabit 128K x 8 3-volt Only CMOS Flash
AT49BV008 ATMEL-AT49BV008 Datasheet
117Kb / 12P
8-Megabit 1M x 8 3-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49LV1024A ATMEL-AT49LV1024A Datasheet
308Kb / 14P
1-megabit (64K x 16) 3-volt Only Flash Memory
logo
Eon Silicon Solution In...
EN29LV010 EON-EN29LV010 Datasheet
401Kb / 35P
1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
1-megabit (128K x 8) 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com