Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29LV010A-12TU Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT29LV010A-12TU
Description  1-megabit (128K x 8) 3-volt Only Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29LV010A-12TU Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT29LV010A-12TU Datasheet HTML 8Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 9Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 10Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 11Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 12Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 13Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 14Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 15Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
0520F–FLASH–9/08
AT29LV010A
23. Software Product Identification
Entry
(1)
24. Software Product Identification
Exit(1)
Notes:
1. Data Format: I/O7 - I/O0 (Hex);
Address Format: A14 - A0 (Hex).
2. A1 - A16 = VIL.
Manufacturer Code is read for A0 = V
IL;
Device Code is read for A0 = V
IH.
3. The device does not remain in identification mode if
powered down.
4. The device returns to standard operation mode.
5. Manufacturer Code is 1F. The Device Code is 35.
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA 90
TO
ADDRESS 5555
PAUSE 20 mS
ENTER PRODUCT
IDENTIFICATION
MODE(2)(3)(5)
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA F0
TO
ADDRESS 5555
PAUSE 20 mS
EXIT PRODUCT
IDENTIFICATION
MODE(4)
25. Boot Block Lockout
Feature Enable Algorithm
(1)
Notes:
1. Data Format: I/O7 - I/O0 (Hex);
Address Format: A14 - A0 (Hex).
2. Lockout feature set on lower address boot block.
3. Lockout feature set on higher address boot block.
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA 80
TO
ADDRESS 5555
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA 40
TO
ADDRESS 5555
LOAD DATA 00
TO
ADDRESS 00000H(2)
PAUSE 20 mS
LOAD DATA FF
TO
ADDRESS 1FFFFH(3)
PAUSE 20 mS


Similar Part No. - AT29LV010A-12TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV010A-15 ATMEL-AT29LV010A-15 Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-15JC ATMEL-AT29LV010A-15JC Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-15JI ATMEL-AT29LV010A-15JI Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-15TC ATMEL-AT29LV010A-15TC Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-15TI ATMEL-AT29LV010A-15TI Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
More results

Similar Description - AT29LV010A-12TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29LV010A ATMEL-AT29LV010A Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT49BV008 ATMEL-AT49BV008 Datasheet
117Kb / 12P
   8-Megabit 1M x 8 3-volt Only Flash Memory
logo
Eon Silicon Solution In...
EN29LV010 EON-EN29LV010 Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
ATMEL Corporation
AT49LV1024A ATMEL-AT49LV1024A Datasheet
308Kb / 14P
   1-megabit (64K x 16) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com