Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29LV010A-12TU Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT29LV010A-12TU
Description  1-megabit (128K x 8) 3-volt Only Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29LV010A-12TU Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT29LV010A-12TU Datasheet HTML 6Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 7Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 8Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 9Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 10Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 11Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 12Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 13Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
0520F–FLASH–9/08
AT29LV010A
17. Software Protected Program Waveform
Notes:
1. OE must be high when WE and CE are both low.
2. A7 through A16 must specify the sector address during each high to low transition of WE (or CE) after the software code has
been entered.
3. All bytes that are not loaded within the sector being programmed will be indeterminate.
18. Programming Algorithm(1)
16. Program Cycle Characteristics
Symbol
Parameter
Min
Max
Units
t
WC
Write Cycle Time
20
ms
tAS
Address Set-up Time
10
ns
t
AH
Address Hold Time
100
ns
tDS
Data Set-up Time
100
ns
tDH
Data Hold Time
10
ns
t
WP
Write Pulse Width
200
ns
tBLC
Byte Load Cycle Time
150
μs
tWPH
Write Pulse Width High
200
ns
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA A0
TO
ADDRESS 5555
LOAD DATA
TO
SECTOR (128 BYTES)(3)
WRITES ENABLED
ENTER DATA
PROTECT STATE(2)
Notes:
1. Data Format: I/O7 - I/O0 (Hex);
Address Format: A14 - A0 (Hex).
2. Data Protect state will be re-activated at end of
program cycle.
3. 128 bytes of data MUST BE loaded.


Similar Part No. - AT29LV010A-12TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV010A-15 ATMEL-AT29LV010A-15 Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-15JC ATMEL-AT29LV010A-15JC Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-15JI ATMEL-AT29LV010A-15JI Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-15TC ATMEL-AT29LV010A-15TC Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-15TI ATMEL-AT29LV010A-15TI Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
More results

Similar Description - AT29LV010A-12TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29LV010A ATMEL-AT29LV010A Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT49BV008 ATMEL-AT49BV008 Datasheet
117Kb / 12P
   8-Megabit 1M x 8 3-volt Only Flash Memory
logo
Eon Silicon Solution In...
EN29LV010 EON-EN29LV010 Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
ATMEL Corporation
AT49LV1024A ATMEL-AT49LV1024A Datasheet
308Kb / 14P
   1-megabit (64K x 16) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com