Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29LV010A-12TU Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT29LV010A-12TU
Description  1-megabit (128K x 8) 3-volt Only Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29LV010A-12TU Datasheet(HTML) 1 Page - ATMEL Corporation

  AT29LV010A-12TU Datasheet HTML 1Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 2Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 3Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 4Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 5Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 6Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 7Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 8Page - ATMEL Corporation AT29LV010A-12TU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
Single Supply Voltage, Range 3V to 3.6V
3-volt Only Read and Write Operation
Software Protected Programming
Fast Read Access Time – 120 ns
Low Power Dissipation
– 15 mA Active Current
– 40 µA CMOS Standby Current
Sector Program Operation
– Single Cycle Reprogram (Erase and Program)
– 1024 Sectors (128 Bytes/Sector)
– Internal Address and Data Latches for 128 Bytes
Two 8K Bytes Boot Blocks with Lockout
Fast Sector Program Cycle Time – 20 ms
Internal Program Control and Timer
DATA Polling for End of Program Detection
Typical Endurance > 10,000 Cycles
CMOS and TTL Compatible Inputs and Outputs
Commercial and Industrial Temperature Ranges
1.
Description
The AT29LV010A is a 3-volt only in-system Flash programmable and erasable read
only memory (Flash). Its 1 megabit of memory is organized as 131,072 bytes by 8 bits.
Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device offers
access times to 120 ns with power dissipation of just 54 mW over the commercial tem-
perature range. When the device is deselected, the CMOS standby current is less
than 40 µA. The device endurance is such that any sector can typically be written to in
excess of 10,000 times.
To allow for simple in-system reprogrammability, the AT29LV010A does not require
high input voltages for programming. Three-volt-only commands determine the opera-
tion of the device. Reading data out of the device is similar to reading from an
EPROM. Reprogramming the AT29LV010A is performed on a sector basis; 128 bytes
of data are loaded into the device and then simultaneously programmed.
During a reprogram cycle, the address locations and 128 bytes of data are captured at
microprocessor speed and internally latched, freeing the address and data bus for
other operations. Following the initiation of a program cycle, the device will automati-
cally erase the sector and then program the latched data using an internal control
timer. The end of a program cycle can be detected by DATA polling of I/O7. Once the
end of a program cycle has been detected, a new access for a read or program can
begin.
1-megabit
(128K x 8)
3-volt Only
Flash Memory
AT29LV010A
0520F–FLASH–9/08
Not Recommended
for New Design
Use AT29BV010A
Contact Atmel to discuss
the latest design in trends
and options


Similar Part No. - AT29LV010A-12TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV010A-15 ATMEL-AT29LV010A-15 Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-15JC ATMEL-AT29LV010A-15JC Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-15JI ATMEL-AT29LV010A-15JI Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-15TC ATMEL-AT29LV010A-15TC Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-15TI ATMEL-AT29LV010A-15TI Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
More results

Similar Description - AT29LV010A-12TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29LV010A ATMEL-AT29LV010A Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT49BV008 ATMEL-AT49BV008 Datasheet
117Kb / 12P
   8-Megabit 1M x 8 3-volt Only Flash Memory
logo
Eon Silicon Solution In...
EN29LV010 EON-EN29LV010 Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
ATMEL Corporation
AT49LV1024A ATMEL-AT49LV1024A Datasheet
308Kb / 14P
   1-megabit (64K x 16) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com