Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C256N-10SU-2.7 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24C256N-10SU-2.7
Description  Two-wire Serial EEPROMs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C256N-10SU-2.7 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24C256N-10SU-2.7 Datasheet HTML 1Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 2Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 3Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 4Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 5Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 6Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 7Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 8Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
AT24C128/256
0670T–SEEPR–3/07
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each
EEPROM device and negative edge clock data out of each device.
SERIAL DATA (SDA): The SDA pin is bidirectional for serial data transfer. This pin is open-
drain driven and may be wire-ORed with any number of other open-drain or open collector
devices.
DEVICE/ADDRESSES (A1, A0): The A1 and A0 pins are device address inputs that are hard-
wired or left not connected for hardware compatibility with other AT24CXX devices. When the
pins are hardwired, as many as four 128K/256K devices may be addressed on a single bus
system (device addressing is discussed in detail under the Device Addressing section). If the
pins are left floating, the A1 and A0 pins will be internally pulled down to GND if the capacitive
coupling to the circuit board V
CC plane is <3 pF. If coupling is >3 pF, Atmel recommends con-
necting the address pins to GND.
WRITE PROTECT (WP): The write protect input, when connected to GND, allows normal write
operations. When WP is connected high to V
CC, all write operations to the memory are inhib-
ited. If the pin is left floating, the WP pin will be internally pulled down to GND if the capacitive
coupling to the circuit board V
CC plane is <3 pF. If coupling is >3 pF, Atmel recommends con-
necting the pin to GND.
Memory
Organization
AT24C128/256, 128K/256K SERIAL EEPROM: The 128K/256K is internally organized as
256/512 pages of 64-bytes each. Random word addressing requires a 14/15-bit data word
address.


Similar Part No. - AT24C256N-10SU-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
Two-wire Serial EEPROMs
More results

Similar Description - AT24C256N-10SU-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
Two-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_06 Datasheet
397Kb / 23P
Two-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_07 Datasheet
410Kb / 17P
Two-wire Automotive Temperature Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
3-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
2-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
2-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
4-Wire Serial EEPROMs
logo
GTM CORPORATION
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
Three-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com